Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384B-10F256I Datasheet(PDF) 66 Page - Lattice Semiconductor

Part # LC4384B-10F256I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384B-10F256I Datasheet(HTML) 66 Page - Lattice Semiconductor

Back Button LC4384B-10F256I Datasheet HTML 62Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 63Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 64Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 65Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 66Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 67Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 68Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 69Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 70Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
66
LC4064C
LC4064C-25T100C
64
1.8
2.5
TQFP
100
64
C
LC4064C-5T100C
64
1.8
5
TQFP
100
64
C
LC4064C-75T100C
64
1.8
7.5
TQFP
100
64
C
LC4064C-25T48C
64
1.8
2.5
TQFP
48
32
C
LC4064C-5T48C
64
1.8
5
TQFP
48
32
C
LC4064C-75T48C
64
1.8
7.5
TQFP
48
32
C
LC4064C-25T44C
64
1.8
2.5
TQFP
44
30
C
LC4064C-5T44C
64
1.8
5
TQFP
44
30
C
LC4064C-75T44C
64
1.8
7.5
TQFP
44
30
C
LC4128C
LC4128C-27T128C
128
1.8
2.7
TQFP
128
92
C
LC4128C-5T128C
128
1.8
5
TQFP
128
92
C
LC4128C-75T128C
128
1.8
7.5
TQFP
128
92
C
LC4128C-27T100C
128
1.8
2.7
TQFP
100
64
C
LC4128C-5T100C
128
1.8
5
TQFP
100
64
C
LC4128C-75T100C
128
1.8
7.5
TQFP
100
64
C
LC4256C
LC4256C-3F256AC
256
1.8
3
fpBGA
256
128
C
LC4256C-5F256AC
256
1.8
5
fpBGA
256
128
C
LC4256C-75F256AC
256
1.8
7.5
fpBGA
256
128
C
LC4256C-3F256BC
256
1.8
3
fpBGA
256
160
C
LC4256C-5F256BC
256
1.8
5
fpBGA
256
160
C
LC4256C-75F256BC
256
1.8
7.5
fpBGA
256
160
C
LC4256C-3T176C
256
1.8
3
TQFP
176
128
C
LC4256C-5T176C
256
1.8
5
TQFP
176
128
C
LC4256C-75T176C
256
1.8
7.5
TQFP
176
128
C
LC4256C-3T100C
256
1.8
3
TQFP
100
64
C
LC4256C-5T100C
256
1.8
5
TQFP
100
64
C
LC4256C-75T100C
256
1.8
7.5
TQFP
100
64
C
LC4384C
LC4384C-35F256C
384
1.8
3.5
fpBGA
256
192
C
LC4384C-5F256C
384
1.8
5
fpBGA
256
192
C
LC4384C-75F256C
384
1.8
7.5
fpBGA
256
192
C
LC4384C-35T176C
384
1.8
3.5
TQFP
176
128
C
LC4384C-5T176C
384
1.8
5
TQFP
176
128
C
LC4384C-75T176C
384
1.8
7.5
TQFP
176
128
C
LC4512C
LC4512C-35F256C
512
1.8
3.5
fpBGA
256
208
C
LC4512C-5F256C
512
1.8
5
fpBGA
256
208
C
LC4512C-75F256C
512
1.8
7.5
fpBGA
256
208
C
LC4512C-35T176C
512
1.8
3.5
TQFP
176
128
C
LC4512C-5T176C
512
1.8
5
TQFP
176
128
C
LC4512C-75T176C
512
1.8
7.5
TQFP
176
128
C
ispMACH 4000C (1.8V) Commercial Devices
1 (Cont.)
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball Count
I/O
Grade


Similar Part No. - LC4384B-10F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384B-10F256I1 LATTICE-LC4384B-10F256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384B-10F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com