Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384B-10F256I Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # LC4384B-10F256I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384B-10F256I Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button LC4384B-10F256I Datasheet HTML 14Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 15Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 16Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 17Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 18Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 19Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 20Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 21Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
18
ICC
4
Standby Power Supply Current
Vcc = 3.3V
13
mA
Vcc = 2.5V
13
mA
Vcc = 1.8V
3
mA
1. TA = 25°C, frequency = 1.0 MHz.
2. Device configured with 16-bit counters.
3. ICC varies with specific device configuration and operating frequency.
4. TA = 25°C
Supply Current, ispMACH 4000Z
Over Recommended Operating Conditions
Symbol
Parameter
Condition
Min.
Typ.
Max. Units
ispMACH 4032ZC
1
ICC
3, 4, 5, 7
Operating Power Supply Current
Vcc = 1.8V, TA = 25°C
50
µA
Vcc = 1.9V, TA = 70°C
58
µA
Vcc = 1.9V, TA = 85°C
60
µA
Vcc = 1.9V, TA = 125°C
70
µA
ICC
6, 7
Standby Power Supply Current
Vcc = 1.8V, TA = 25°C
10
µA
Vcc = 1.9V, TA = 70°C
16
20
µA
Vcc = 1.9V, TA = 85°C
18
22
µA
Vcc = 1.9V, TA = 125°C
22
µA
ispMACH 4064ZC
2
ICC
3, 4, 5, 7
Operating Power Supply Current
Vcc = 1.8V, TA = 25°C
µA
Vcc = 1.9V, TA = 70°C
µA
Vcc = 1.9V, TA = 85°C
µA
Vcc = 1.9V, TA = 125°C
µA
ICC
6, 7
Standby Power Supply Current
Vcc = 1.8V, TA = 25°C
µA
Vcc = 1.9V, TA = 70°C
µA
Vcc = 1.9V, TA = 85°C
µA
Vcc = 1.9V, TA = 125°C
µA
ispMACH 4128ZC
2
ICC
3, 4, 5, 7
Operating Power Supply Current
Vcc = 1.8V, TA = 25°C
µA
Vcc = 1.9V, TA = 70°C
µA
Vcc = 1.9V, TA = 85°C
µA
Vcc = 1.9V, TA = 125°C
µA
ICC
6, 7
Standby Power Supply Current
Vcc = 1.8V, TA = 25°C
µA
Vcc = 1.9V, TA = 70°C
µA
Vcc = 1.9V, TA = 85°C
µA
Vcc = 1.9V, TA = 125°C
µA
Supply Current, ispMACH 4000V/B/C (Cont.)
Over Recommended Operating Conditions
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units


Similar Part No. - LC4384B-10F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384B-10F256I1 LATTICE-LC4384B-10F256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384B-10F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com