Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384B-10F256I Datasheet(PDF) 32 Page - Lattice Semiconductor

Part # LC4384B-10F256I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384B-10F256I Datasheet(HTML) 32 Page - Lattice Semiconductor

Back Button LC4384B-10F256I Datasheet HTML 28Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 29Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 30Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 31Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 32Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 33Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 34Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 35Page - Lattice Semiconductor LC4384B-10F256I Datasheet HTML 36Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
32
ispMACH 4000V/B/C Timing Adders
1
Adder
Type
Base
Parameter
Description
-25
-27
-3
-35
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Optional Delay Adders
tINDIO
tINREG
Input register delay
0.95
1.00
1.00
1.00
ns
tEXP
tMCELL
Product term expander
delay
0.33
0.33
0.33
0.33
ns
tORP
Output routing pool delay
0.05
0.05
0.05
0.05
ns
tBLA
tROUTE
Additional block loading
adder
0.03
0.05
0.05
0.05
ns
tIOI Input Adjusters
LVTTL_in
tIN, tGCLK_IN,
tGOE
Using LVTTL standard
0.60
0.60
0.60
0.60
ns
LVCMOS33_in
tIN, tGCLK_IN,
tGOE
Using LVCMOS 3.3
standard
0.60
0.60
0.60
0.60
ns
LVCMOS25_in
tIN, tGCLK_IN,
tGOE
Using LVCMOS 2.5
standard
0.60
0.60
0.60
0.60
ns
LVCMOS18_in
tIN, tGCLK_IN,
tGOE
Using LVCMOS 1.8
standard
0.00
0.00
0.00
0.00
ns
PCI_in
tIN, tGCLK_IN,
tGOE
Using PCI compatible
input
0.60
0.60
0.60
0.60
ns
tIOO Output Adjusters
LVTTL_out
tBUF, tEN, tDIS
Output configured as
TTL buffer
0.20
0.20
0.20
0.20
ns
LVCMOS33_out tBUF, tEN, tDIS
Output configured as
3.3V buffer
0.20
0.20
0.20
0.20
ns
LVCMOS25_out tBUF, tEN, tDIS
Output configured as
2.5V buffer
0.10
0.10
0.10
0.10
ns
LVCMOS18_out tBUF, tEN, tDIS
Output configured as
1.8V buffer
0.00
0.00
0.00
0.00
ns
PCI_out
tBUF, tEN, tDIS
Output configured as
PCI compatible buffer
0.20
0.20
0.20
0.20
ns
Slow Slew
tBUF, tEN
Output configured for
slow slew rate
1.00
1.00
1.00
1.00
ns
Note: Open drain timing is the same as corresponding LVCMOS timing.
Timing v.3.1
1. Refer to Technical Note TN1004: ispMACH 4000 Timing Model Design and Usage Guidelines for information regarding use of these adders.


Similar Part No. - LC4384B-10F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384B-10F256I1 LATTICE-LC4384B-10F256I1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384B-10F256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com