Electronic Components Datasheet Search |
|
A8290 Datasheet(PDF) 11 Page - Allegro MicroSystems |
|
A8290 Datasheet(HTML) 11 Page - Allegro MicroSystems |
11 / 19 page Single LNB Supply and Control Voltage Regulator A8290 11 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com The IRQ output becomes active when either the A8290 first recognizes a fault condition, or at power-on, when the main sup- ply, VIN, and the internal logic supply, VREG, reach the correct operating conditions. It is only reset to inactive when the I2C™ master addresses the A8290 with the Read/Write bit set (caus- ing a read). Fault conditions are indicated by the TSD, VUV, and OCP bits and are latched in the Status register. See the Status reg- ister section for full description. The DIS, PNG, CAD and TDET status bits do not cause an in- terrupt. All these bits are continually updated, apart from the DIS bit, which changes when the LNB is either disabled, intentionally or due to a fault, or is enabled. When the master recognizes an interrupt, it addresses all slaves connected to the interrupt line in sequence, and then reads the status register to determine which device is requesting atten- tion. The A8290 latches all conditions in the Status register until the completion of the data read. The action at the resampling point is further defined in the Status Register section. The bits in the Status register are defined such that the all-zero condition in- dicates that the A8290 is fully active with no fault conditions. When VIN is initially applied, the I2C™-compatible interface does not respond to any requests until the internal logic supply VREG has reached its operating level. Once VREG has reached this point, the IRQ output goes active, and the VUV bit is set. After the A8290 acknowledges the address, the IRQ flag is reset. After the master reads the status registers, the registers are updated with the VUV reset. 0 0 0 1 0 A1 A0 1 AK D6 D5 D4 D3 D2 D1 D0 D7 NAK Status Register 1 Address Start R Stop 1 2 3 4 5 6 7 8 9 SDA SCL IRQ Fault Event Reload Status Register Read after Interrupt Figure 4. I2C™ Interface. Read sequences after interrupt request. |
Similar Part No. - A8290 |
|
Similar Description - A8290 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |