Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10110FN Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10110FN
Description  Dual 3-Input/3-Output OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10110FN Datasheet(HTML) 1 Page - ON Semiconductor

  MC10110FN Datasheet HTML 1Page - ON Semiconductor MC10110FN Datasheet HTML 2Page - ON Semiconductor MC10110FN Datasheet HTML 3Page - ON Semiconductor MC10110FN Datasheet HTML 4Page - ON Semiconductor MC10110FN Datasheet HTML 5Page - ON Semiconductor MC10110FN Datasheet HTML 6Page - ON Semiconductor MC10110FN Datasheet HTML 7Page - ON Semiconductor MC10110FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 7
1
Publication Order Number:
MC10110/D
MC10110
Dual 3-Input/3-Ouput OR
Gate
The ability to control three parallel lines from a single point makes
the MC10110 particularly useful in clock distribution applications
where minimum clock skew is desired. Three VCC pins are provided
and each one should be used.
PD = 80 mW typ/pkg (No Load)
tpd = 2.4 ns typ (All Outputs Loaded)
tr, tf = 2.2 ns typ (20%–80%)
DIP
PIN ASSIGNMENT
VCC1
AOUT
AOUT
AOUT
AIN
AIN
AIN
VEE
VCC2
VCC1
BOUT
BOUT
BOUT
BIN
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
LOGIC DIAGRAM
VCC1 = PIN 1, 15
VCC2 = PIN 16
VEE = PIN 8
12
11
10
9
13
14
2
7
6
5
3
4
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10110L
CDIP–16
25 Units / Rail
MC10110P
PDIP–16
25 Units / Rail
MC10110FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10110L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10101
AWLYYWW
1
1
16
MC10110P
AWLYYWW


Similar Part No. - MC10110FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
MC10110L MOTOROLA-MC10110L Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
MC10110P MOTOROLA-MC10110P Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
More results

Similar Description - MC10110FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10210 MOTOROLA-MC10210 Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10H210 ONSEMI-MC10H210 Datasheet
93Kb / 3P
   Dual 3-Input 3-Output OR Gate
1996 REV 5
logo
Motorola, Inc
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
MC10212 MOTOROLA-MC10212 Datasheet
74Kb / 5P
   High Speed Dual 3-Input/3-Output OR/NOR Gate
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
95Kb / 3P
   Dual 3-Input 3-Output NOR Gate
1996 REV 5
logo
Motorola, Inc
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
logo
ON Semiconductor
NLX1G332 ONSEMI-NLX1G332_16 Datasheet
77Kb / 7P
   3-Input OR Gate
June, 2016 ??Rev. 5
NLX1G332 ONSEMI-NLX1G332 Datasheet
141Kb / 8P
   3-Input OR Gate
September, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC1G332-Q100 NEXPERIA-74LVC1G332-Q100 Datasheet
198Kb / 11P
   3-input OR gate
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
   Triple 3-input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com