Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-381C-BLK Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMP-381C-BLK
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381C-BLK Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSMP-381C-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381C-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381C-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381C-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381C-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381C-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-381C-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-381C-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-381C-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Figure 21. Internal Connections.
12
3
12
3
HSMP-489B
HSMP-481B
Typical Applications for HSMP-48XX Low Inductance Series
Figure 22. Circuit Layout.
Microstrip Series
Connection for
HSMP-48XB Series
In order to take full advantage of
the low inductance of the
HSMP-48XB series when using
them in series applications, both
lead 1 and lead 2 should be
connected together, as shown in
Figure 21.
Microstrip Shunt
Connections for
HSMP-48XB Series
In Figure 23, the center conductor
of the microstrip line is inter-
rupted and leads 1 and 2 of the
HSMP-48XB series diode are
placed across the resulting gap.
This forces the 0.5 nH lead induc-
tance of leads 1 and 2 to appear as
part of a low pass filter, reducing
the shunt parasitic inductance and
increasing the maximum available
attenuation. The 0.3 nH of shunt
inductance external to the diode is
created by the via holes, and is a
good estimate for 0.032" thick
material.
Figure 23. Circuit Layout.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
0.3 nH
0.3 nH
0.3 pF*
1.5 nH
1.5 nH
*0.8 pF TYPICAL FOR HSMP-482B
Figure 24. Equivalent Circuit.


Similar Part No. - HSMP-381C-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381C-BLKG AVAGO-HSMP-381C-BLKG Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results

Similar Description - HSMP-381C-BLK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC856AWT1 MOTOROLA-BC856AWT1 Datasheet
251Kb / 8P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
logo
Vishay Siliconix
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
   CASE 419-02, STYLE 5 SC-70/SOT-323
logo
Vishay Siliconix
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com