Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512V-5T176I Datasheet(PDF) 53 Page - Lattice Semiconductor

Part # LC4512V-5T176I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512V-5T176I Datasheet(HTML) 53 Page - Lattice Semiconductor

Back Button LC4512V-5T176I Datasheet HTML 49Page - Lattice Semiconductor LC4512V-5T176I Datasheet HTML 50Page - Lattice Semiconductor LC4512V-5T176I Datasheet HTML 51Page - Lattice Semiconductor LC4512V-5T176I Datasheet HTML 52Page - Lattice Semiconductor LC4512V-5T176I Datasheet HTML 53Page - Lattice Semiconductor LC4512V-5T176I Datasheet HTML 54Page - Lattice Semiconductor LC4512V-5T176I Datasheet HTML 55Page - Lattice Semiconductor LC4512V-5T176I Datasheet HTML 56Page - Lattice Semiconductor LC4512V-5T176I Datasheet HTML 57Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
53
143
0
A14
A^14
B12
B^6
144
-
NC
2
-I
2
-
1. For device migration considerations, these NC pins are GND pins for I/O banks in ispMACH 4128V devices.
2. For device migration considerations, these NC pins are input signal pins in ispMACH 4256V devices.
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C, Logic Signal Connections:
176-Pin TQFP
Pin Number
Bank
Number
ispMACH 4256V/B/C
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
1-
NC
-
NC-NC
-
2-
GND
-
GND
-
GND
-
3-
TDI
-
TDI
-
TDI
-
4
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
50
C14
C^7
C14
C^7
C14
C^7
60
C12
C^6
C12
C^6
C12
C^6
70
C10
C^5
C10
C^5
C10
C^5
80
C8
C^4
C8
C^4
C8
C^4
90
C6
C^3
C6
C^3
C6
C^3
10
0
C4
C^2
C4
C^2
C4
C^2
11
0
C2
C^1
C2
C^1
C2
C^1
12
0
C0
C^0
C0
C^0
C0
C^0
13
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
14
0
D14
D^7
E14
E^7
G14
G^7
15
0
D12
D^6
E12
E^6
G12
G^6
16
0
D10
D^5
E10
E^5
G10
G^5
17
0
D8
D^4
E8
E^4
G8
G^4
18
0
D6
D^3
E6
E^3
G6
G^3
19
0
D4
D^2
E4
E^2
G4
G^2
20
0
D2
D^1
E2
E^1
G2
G^1
21
0
D0
D^0
E0
E^0
G0
G^0
22
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
23
0
E0
E^0
H0
H^0
J0
J^0
24
0
E2
E^1
H2
H^1
J2
J^1
25
0
E4
E^2
H4
H^2
J4
J^2
26
0
E6
E^3
H6
H^3
J6
J^3
27
0
E8
E^4
H8
H^4
J8
J^4
28
0
E10
E^5
H10
H^5
J10
J^5
29
0
E12
E^6
H12
H^6
J12
J^6
30
0
E14
E^7
H14
H^7
J14
J^7
31
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
32
0
F0
F^0
J0
J^0
N0
N^0
ispMACH 4128V and 4256V Logic Signal Connections: 144-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V
ispMACH 4256V
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512V-5T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512V-5T176I LATTICE-LC4512V-5T176I Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512V-5T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com