Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ26A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMCJ26A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCJ26A Datasheet(HTML) 3 Page - Vishay Siliconix

  SMCJ26A Datasheet HTML 1Page - Vishay Siliconix SMCJ26A Datasheet HTML 2Page - Vishay Siliconix SMCJ26A Datasheet HTML 3Page - Vishay Siliconix SMCJ26A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMCJ5.0 thru 188CA
Vishay Semiconductors
formerly General Semiconductor
Document Number 88394
www.vishay.com
26-Sep-02
3
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 100A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at IT(1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Modified
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
“J” Bend Lead
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (
µA) (3)
(A)(2)
VC (V)
+SMCJ33
GFL
BFL
36.7
44.9
1.0
33
1.0
25.4
59.0
+SMCJ33A
GFM
BFM
36.7
40.6
1.0
33
1.0
28.1
53.3
+SMCJ36
GFN
BFN
40.0
48.9
1.0
36
1.0
23.3
64.3
+SMCJ36A
GFP
BFP
40.0
44.2
1.0
36
1.0
25.8
58.1
+SMCJ40
GFQ
BFQ
44.4
54.3
1.0
40
1.0
21.0
71.4
+SMCJ40A
GFR
BFR
44.4
49.1
1.0
40
1.0
23.3
64.5
+SMCJ43
GFS
BFS
47.8
58.4
1.0
43
1.0
19.6
76.7
+SMCJ43A
GFT
BFT
47.8
52.8
1.0
43
1.0
21.6
69.4
+SMCJ45
GFU
GFU
50.0
61.1
1.0
45
1.0
18.7
80.3
+SMCJ45A
GFV
GFV
50.0
55.3
1.0
45
1.0
20.6
72.7
+SMCJ48
GFW
GFW
53.3
65.1
1.0
48
1.0
17.5
85.5
+SMCJ48A
GFX
GFX
53.3
58.9
1.0
48
1.0
19.4
77.4
+SMCJ51
GFY
GFY
56.7
69.3
1.0
51
1.0
16.5
91.1
+SMCJ51A
GFZ
GFZ
56.7
62.7
1.0
51
1.0
18.2
82.4
+SMCJ54
GGD
GGD
60.0
73.3
1.0
54
1.0
15.6
96.3
+SMCJ54A
GGE
GGE
60.0
66.3
1.0
54
1.0
17.2
87.1
+SMCJ58
GGF
GGF
64.4
78.7
1.0
58
1.0
14.6
103
+SMCJ58A
GGG
GGG
64.4
71.2
1.0
58
1.0
16.0
93
+SMCJ60
GGH
GGH
66.7
81.5
1.0
60
1.0
14.0
107
+SMCJ60A
GGK
GGK
66.7
73.7
1.0
60
1.0
15.5
96
+SMCJ64
GGL
GGL
71.1
86.9
1.0
64
1.0
13.2
114
+SMCJ64A
GGM
GGM
71.1
78.6
1.0
64
1.0
14.6
103
+SMCJ70
GGN
GGN
77.8
95.1
1.0
70
1.0
12.0
125
+SMCJ70A
GGP
GGP
77.8
86.0
1.0
70
1.0
13.3
113
+SMCJ75
GGQ
GGQ
83.3
102
1.0
75
1.0
11.2
134
+SMCJ75A
GGR
GGR
83.3
92.1
1.0
75
1.0
12.4
121
+SMCJ78
GGS
GGS
86.7
106
1.0
78
1.0
10.8
139
+SMCJ78A
GGT
GGT
86.7
95.8
1.0
78
1.0
11.9
126
+SMCJ85
GGU
GGU
94.4
115
1.0
85
1.0
9.9
151
+SMCJ85A
GGV
GGV
94.4
104
1.0
85
1.0
10.9
137
+SMCJ90
GGW
GGW
100
122
1.0
90
1.0
9.4
160
+SMCJ90A
GGX
GGX
100
111
1.0
90
1.0
10.3
146
+SMCJ100
GGY
GGY
111
136
1.0
100
1.0
8.4
179
+SMCJ100A
GGZ
GGZ
111
123
1.0
100
1.0
9.3
162
+SMCJ110
GHD
GHD
122
149
1.0
110
1.0
7.7
196
+SMCJ110A
GHE
GHE
122
135
1.0
110
1.0
8.5
177
+SMCJ120
GHF
GHF
133
163
1.0
120
1.0
7.0
214
+SMCJ120A
GHG
GHG
133
147
1.0
120
1.0
7.8
193
+SMCJ130
GHH
GHH
144
176
1.0
130
1.0
6.5
231
+SMCJ130A
GHK
GHK
144
159
1.0
130
1.0
7.2
209
+SMCJ150
GHL
GHL
167
204
1.0
150
1.0
5.6
268
+SMCJ150A
GHM
GHM
167
185
1.0
150
1.0
6.2
243
+SMCJ160
GHN
GHN
178
218
1.0
160
1.0
5.2
287
+SMCJ160A
GHP
GHP
178
197
1.0
160
1.0
5.8
259
+SMCJ170
GHQ
GHQ
189
231
1.0
170
1.0
4.9
304
+SMCJ170A
GHR
GHR
189
209
1.0
170
1.0
5.5
275
SMCJ188
GHT
GHT
209
255
1.0
188
1.0
4.4
344
SMCJ188A
GHS
GHS
209
231
1.0
188
1.0
4.6
328
Notes: (1) Pulse test: tp
≤ 50ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
+ Underwriters Laboratory Recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number E136766
for both uni-directional and bi-directional devices


Similar Part No. - SMCJ26A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ26A MCC-SMCJ26A Datasheet
232Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
HY ELECTRONIC CORP.
SMCJ26A HY-SMCJ26A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Dc Components
SMCJ26A DCCOM-SMCJ26A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ26A MCC-SMCJ26A Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ26A VISHAY-SMCJ26A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ26A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com