Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8507IDWG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8507IDWG4
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8507IDWG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8507IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 9Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 10Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 11Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 12Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 13Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 14Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS8507
+5 V
+
+
Convert Pulse
40 ns Min
200
0.1
µF
10
µF
100
+
2.2
µF
66.5 k
+5 V
Parallel Output
B11
B12
B13
B14
B15
(MSB)
Pin 21
LOW
B3
B4
B5
B6
B7
Pin 21
HIGH
NC(1)
B8
B9
B10
B0
(LSB)
B1
B2
BUSY
R/C
BYTE
± 10 V
2.2
µF
SERIAL OUTPUT
ADS8507
SLAS381 – DECEMBER 2006
BASIC OPERATION (continued)
stay LOW until the conversion is completed and the output register is updated. If BYTE (pin 21) is LOW, the
eight most significant bits (MSBs) will be valid when BUSY rises; if BYTE is HIGH, the eight least significant bits
(LSBs) will be valid when BUSY rises. Data will be output in binary 2's complement (BTC) format. BUSY going
HIGH can be used to latch the data. After the first byte has been read, BYTE can be toggled allowing the
remaining byte to be read. All convert commands will be ignored while BUSY is LOW.
The ADS8507 begins tracking the input signal at the end of the conversion. Allowing 25 µs between convert
commands assures accurate acquisition of a new signal.
The offset and gain are adjusted internally to allow external trimming with a single supply. The external resistors
compensate for this adjustment and can be left out if the offset and gain will be corrected in software (refer to
the Calibration section).
Figure 31. Basic
±10-V Operation, Both Parallel and Serial Output
Figure 32 shows a basic circuit to operate the ADS8507 with a ±10 V input range and serial output. Taking R/C
(pin 22) LOW for 40 ns (12 µs max) will initiate a conversion and output valid data from the previous conversion
on SDATA (pin 19) synchronized to 16 clock pulses output on DATACLK (pin 18). BUSY (pin 24) will go LOW
and stay LOW until the conversion is completed and the serial data has been transmitted. Data will be output in
BTC format, MSB first, and will be valid on both the rising and falling edges of the data clock. BUSY going HIGH
can be used to latch the data. All convert commands will be ignored while BUSY is LOW.
The ADS8507 begins tracking the input signal at the end of the conversion. Allowing 25 µs between convert
commands assures accurate acquisition of a new signal.
The offset and gain are adjusted internally to allow external trimming with a single supply. The external resistors
compensate for this adjustment and can be left out if the offset and gain are corrected in software (refer to the
Calibration section).
11
Submit Documentation Feedback


Similar Part No. - ADS8507IDWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8507IDWG4 BURR-BROWN-ADS8507IDWG4 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Similar Description - ADS8507IDWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com