Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

H7N0608LD Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H7N0608LD
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N0608LD Datasheet(HTML) 5 Page - Renesas Technology Corp

  H7N0608LD Datasheet HTML 1Page - Renesas Technology Corp H7N0608LD Datasheet HTML 2Page - Renesas Technology Corp H7N0608LD Datasheet HTML 3Page - Renesas Technology Corp H7N0608LD Datasheet HTML 4Page - Renesas Technology Corp H7N0608LD Datasheet HTML 5Page - Renesas Technology Corp H7N0608LD Datasheet HTML 6Page - Renesas Technology Corp H7N0608LD Datasheet HTML 7Page - Renesas Technology Corp H7N0608LD Datasheet HTML 8Page - Renesas Technology Corp H7N0608LD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
H7N0608LD, H7N0608LS, H7N0608LM
Rev.1.00, Oct.30.2003, page 5 of 11
0
48
12
16
20
500
400
300
200
100
ID = 50 A
20 A
10 A
1
30
100
3
100
1
10
1000
10
3
30
300
VGS = 4.5 V
10 V
0.1
0.3
1
3
10
100
1000
300
30
10
1
3
0.3
0.1
Tc = –40
°C
150
°C
25
°C
VDS = 10 V
Pulse Test
20
16
12
8
4
–50
0
–25
25
50
75 100 125 150
0
VGS = 10 V
4.5 V
50 A
10, 20 A
10, 20, 50 A
30
100
Pulse Test
Pulse Test
Pulse Test
Drain Current ID
(A)
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID
(A)
Forward Transfer Admittance vs.
Drain Current
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage


Similar Part No. - H7N0608LD

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
143Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD_15 Datasheet
143Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H7N0608LD

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
Hitachi Semiconductor
Hitachi Semiconductor
2SK2938 HITACHI-2SK2938 Datasheet
55Kb / 10P
   Silicon N Channel MOS FET, High Speed Power Switching
2SK2957 HITACHI-2SK2957 Datasheet
50Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2978 HITACHI-2SK2978 Datasheet
45Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3070 HITACHI-2SK3070 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3134 HITACHI-2SK3134 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3136 HITACHI-2SK3136 Datasheet
52Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3159 HITACHI-2SK3159 Datasheet
27Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3207 HITACHI-2SK3207 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3209 HITACHI-2SK3209 Datasheet
26Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com