Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7N0608LD Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H7N0608LD
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N0608LD Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button H7N0608LD Datasheet HTML 2Page - Renesas Technology Corp H7N0608LD Datasheet HTML 3Page - Renesas Technology Corp H7N0608LD Datasheet HTML 4Page - Renesas Technology Corp H7N0608LD Datasheet HTML 5Page - Renesas Technology Corp H7N0608LD Datasheet HTML 6Page - Renesas Technology Corp H7N0608LD Datasheet HTML 7Page - Renesas Technology Corp H7N0608LD Datasheet HTML 8Page - Renesas Technology Corp H7N0608LD Datasheet HTML 9Page - Renesas Technology Corp H7N0608LD Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
H7N0608LD, H7N0608LS, H7N0608LM
Rev.1.00, Oct.30.2003, page 6 of 11
1
0.1
0.3
3
10
30
100
010
20
30
40
50
100
1000
300
100
80
60
40
20
0
20
16
12
8
4
40
80
120
160
200
0
1000
100
300
30
10
1
3
0.1
0.3
3
10
100
1000
100
300
30
3
10
1
30
30
1
10
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 85 A
VGS
VDS
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty < 1 %
Rg = 4.7
tr
tr
td(on)
td(off)
tf
tf
3000
10000
di / dt = 100 A / µs
VGS = 0, Ta = 25°C
VDD = 50 V
25 V
10 V
VDD = 50 V
25 V
10 V
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS
(V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Drain Current
ID
(A)
Switching Characteristics


Similar Part No. - H7N0608LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
143Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0608LD RENESAS-H7N0608LD_15 Datasheet
143Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H7N0608LD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com