Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA4214 Datasheet(PDF) 1 Page - Filtran LTD

Part # TEA4214
Description  Wide Band Line Matching Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TEA4214 Datasheet(HTML) 1 Page - Filtran LTD

  TEA4214 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEA4214 is a wide band match-
ing transformer operating in two
impedance configurations and
with the following features.
Very wide band.
Low insertion loss.
Low bridging loss.
Applications:
TEA4214 is mainly used as Line
Matching and Bridging Trans-
former.
Windings connected in parallel
for lower impedances ( 100 to
150
Ω) and connected in series
for higher impedances ( 600 to
900
Ω).
Wide Band
Line Matching Transformer
TEA4214
Filtran Limited
229 Colonnade Rd., Nepean, Ont., K2E-7K3, Canada
7-7
Tel: (613) 226-1626, Fax: (613) 226-7124
- Frequency Response
Windings connected in series (600
Ω)
± 1.0 dB max
50 Hz - 200 KHz
Windings connected parallel
(150
Ω)
± 0.5 dB max
100 Hz - 500 KHz
- Insertion Loss
1 dB max
@ 1000 Hz
- Wind Resistance
30
Ω nom
each winding
- Dielectric Strength
1000 V rms
- Cross-Talk
110 dB min
@ 0. 1 in. distance
between two units
ELECTRICAL
MECHANICAL


Similar Part No. - TEA4214

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEA4451 FILTRAN-TEA4451 Datasheet
29Kb / 1P
   Audio Line Matching Transformer
TEA4466 FILTRAN-TEA4466 Datasheet
20Kb / 1P
   Audio Line Matching Transformer
TEA4477 FILTRAN-TEA4477 Datasheet
21Kb / 1P
   Audio Line Matching Transformer
TEA4989 FILTRAN-TEA4989 Datasheet
52Kb / 1P
   Audio Line Matching Transformer
More results

Similar Description - TEA4214

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW6038 FILTRAN-TEW6038 Datasheet
31Kb / 1P
   Wide Band Isolating/Matching Transformer
logo
ETAL Group
P3126 ETAL-P3126 Datasheet
140Kb / 4P
   LINE MATCHING TRANSFORMER
P2001 ETAL-P2001 Datasheet
123Kb / 5P
   LINE MATCHING TRANSFORMER
P3034 ETAL-P3034 Datasheet
125Kb / 4P
   LINE MATCHING TRANSFORMER
P3324 ETAL-P3324 Datasheet
188Kb / 6P
   LINE MATCHING TRANSFORMER
P3189 ETAL-P3189 Datasheet
173Kb / 5P
   LINE MATCHING TRANSFORMER
P5122 ETAL-P5122 Datasheet
113Kb / 4P
   LINE MATCHING TRANSFORMER
P5100 ETAL-P5100 Datasheet
117Kb / 4P
   LINE MATCHING TRANSFORMER
P3800 ETAL-P3800 Datasheet
179Kb / 5P
   LINE MATCHING TRANSFORMER
P1200 ETAL-P1200 Datasheet
121Kb / 5P
   LINE MATCHING TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com