Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD4003-TS01 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SOD4003-TS01
Description  1 Amp Standard Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SOD4003-TS01 Datasheet(HTML) 1 Page - Micro Commercial Components

  SOD4003-TS01 Datasheet HTML 1Page - Micro Commercial Components SOD4003-TS01 Datasheet HTML 2Page - Micro Commercial Components SOD4003-TS01 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD4001-TS01
 
SOD4007-TS01
 
   


Features
&'&()
$'*' 
&$+')'
Maximum Ratings
, )- '"..°/.°
)- '"..°/.°
%'- 01°234'-&+


5'6
78
()
%'
0'
(
08
9 )
%'
0
9 )
%'
7
: ()
9 )
SOD4001-TS01
----
50V
35V
50V
Electrical Characteristics @ 25°C Unless Otherwise Specified
8)$+
'


-<!.°
($+')
'


 *
%'
'
$+9 )
99
<1
-<.°=
%'7
08'
0+7: ()
9 )

.µ
.µ
-<.°
-<.°
->  4'
 
. $
'+
?@9<#9
=' ' +µ7'>> A
A
B
E
C
J
D
H
G
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
SOD4007-TS01
----
1000V
700V
1000V
SOD4006-TS01
----
800V
560V
800V
SOD4005-TS01
----
600V
420V
600V
SOD4004-TS01
----
400V
280V
400V
SOD4003-TS01
----
200V
140V
200V
SOD4002-TS01
----
100V
70V
100V
0.5A
Revision: 3
2003/04/30


Similar Part No. - SOD4003-TS01

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SOD4003-SH LRC-SOD4003-SH Datasheet
322Kb / 11P
   Cavity-free glass passivated junction
More results

Similar Description - SOD4003-TS01

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
648Kb / 2P
   10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A Datasheet
354Kb / 2P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
   1.0 Amp Standard Recovery Rectifier 50-1000 Volts
logo
Solid States Devices, I...
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5614 SSDI-SPD5614 Datasheet
112Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR1A MCC-FR1A Datasheet
622Kb / 3P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com