Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32562-J6473-M Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # B32562-J6473-M
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32562-J6473-M Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  B32562-J6473-M Datasheet HTML 1Page - Siemens Semiconductor Group B32562-J6473-M Datasheet HTML 2Page - Siemens Semiconductor Group B32562-J6473-M Datasheet HTML 3Page - Siemens Semiconductor Group B32562-J6473-M Datasheet HTML 4Page - Siemens Semiconductor Group B32562-J6473-M Datasheet HTML 5Page - Siemens Semiconductor Group B32562-J6473-M Datasheet HTML 6Page - Siemens Semiconductor Group B32562-J6473-M Datasheet HTML 7Page - Siemens Semiconductor Group B32562-J6473-M Datasheet HTML 8Page - Siemens Semiconductor Group B32562-J6473-M Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
54
Siemens Matsushita Components
MKT
Overview of available types
Lead
spacing
7,5 mm
10 mm
15 mm
22,5 mm
27,5 mm
Type
B 32 560
B 32 561
B 32 562
B 32 563
B 32 564
Page
55
57
58
59
60
1,0
nF
1,5
nF
2,2
nF
3,3
nF
4,7
nF
6,8
nF
10
nF
15
nF
22
nF
33
nF
47
nF
68
nF
0,10
µF
0,15
µF
0,22
µF
0,33
µF
0,47
µF
0,68
µF
1,0
µF
1,5
µF
2,2
µF
3,3
µF
4,7
µF
5,6
µF1)
6,8
µF
10
µF
15
µF
22
µF
33
µF
1) For B 32 564, 420 Vdc only
B 32 560 … B 32 564


Similar Part No. - B32562-J6473-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32562H EPCOS-B32562H Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32562H EPCOS-B32562H Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32562H1106 EPCOS-B32562H1106 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32562H1475 EPCOS-B32562H1475 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32562H1685 EPCOS-B32562H1685 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32562-J6473-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com