Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32562-J6683-M Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # B32562-J6683-M
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32562-J6683-M Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button B32562-J6683-M Datasheet HTML 4Page - Siemens Semiconductor Group B32562-J6683-M Datasheet HTML 5Page - Siemens Semiconductor Group B32562-J6683-M Datasheet HTML 6Page - Siemens Semiconductor Group B32562-J6683-M Datasheet HTML 7Page - Siemens Semiconductor Group B32562-J6683-M Datasheet HTML 8Page - Siemens Semiconductor Group B32562-J6683-M Datasheet HTML 9Page - Siemens Semiconductor Group B32562-J6683-M Datasheet HTML 10Page - Siemens Semiconductor Group B32562-J6683-M Datasheet HTML 11Page - Siemens Semiconductor Group B32562-J6683-M Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
60
Siemens Matsushita Components
MKT
27,5
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J
Special dimensions available upon request. For corresponding design rules, refer to page 238.
Ordering codes and packing units, lead spacing 27,5 mm
VR
(
Vrms ,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Untaped
100 Vdc
(63Vac)
4,7
µF
5,6
× 8,3 × 29,0 B32564-J1475-+
1000
6,8
µF
6,3
× 9,5 × 29,0 B32564-J1685-+
820
10
µF
7,6
× 11,0 × 29,0 B32564-J1106-+
680
15
µF
9,1
× 13,5 × 29,0 B32564-J1156-+
430
22
µF
11,0
× 16,0 × 29,0 B32564-J1226-+
320
33
µF
13,0
× 19,8 × 29,0 B32564-J1336-+
360
250 Vdc
(160 Vac)
1,0
µF
5,1
× 7,6 × 29,0 B32564-J3105-+
1620
1,5
µF
5,3
× 10,2 × 29,0 B32564-J3155-+
970
2,2
µF
6,4
× 11,8 × 29,0 B32564-J3225-+
920
3,3
µF
7,9
× 14,0 × 29,0 B32564-J3335-+
750
4,7
µF
9,6
× 15,8 × 29,0 B32564-J3475-+
400
6,8
µF
11,9
× 18,0 × 29,0 B32564-J3685-+
300
10
µF
13,8
× 22,5 × 29,0 B32564-J3106-+
280
400 Vdc
(200 Vac)
1,0
µF
6,8
× 11,2 × 29,0 B32564-J6105-+
750
1,5
µF
7,8
× 14,2 × 29,0 B32564-J6155-+
750
2,2
µF
9,6
× 16,4 × 29,0 B32564-J6225-+
400
3,3
µF
12,2
× 18,8 × 29,0 B32564-J6335-+
330
4,7
µF
14,2
× 22,8 × 29,0 B32564-J6475-+
260
420 Vdc
(200 Vac)
4,7
µF
16,0
× 20,0 × 29,0 B32564-T6475-K
290
5,6
µF
16,0
× 20,0 × 29,0 B32564-T6565-K
290
6,8
µF
16,0
× 20,0 × 29,0 B32564-T6685-K
290
1) Replace the + by the code letter for the required capacitance tolerance.
B 32 564


Similar Part No. - B32562-J6683-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32562H EPCOS-B32562H Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32562H EPCOS-B32562H Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32562H1106 EPCOS-B32562H1106 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32562H1475 EPCOS-B32562H1475 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32562H1685 EPCOS-B32562H1685 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32562-J6683-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com