Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RK352A-TL Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RN5RK352A-TL
Description  SOT-23-5 VFM STEP-UP DC/DC CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RK352A-TL Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RN5RK352A-TL Datasheet HTML 3Page - RICOH electronics devices division RN5RK352A-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RK352A-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RK352A-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RK352A-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RK352A-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RK352A-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RK352A-TL Datasheet HTML 10Page - RICOH electronics devices division RN5RK352A-TL Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RN5RKxx1A/xx1B/xx2A
7
• RN5RKxx2A
7RSW ƒ&
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
9287
2XWSXW9ROWDJH
9,1 VHW9287×,287 P$
×
×
9
9,1
,QSXW9ROWDJH

9
∆VOUT∆Topt
Output Voltage Temperature
Coefficient
ƒ&≤7RSW≤ƒ&
“
SSPƒ&
9VWDUW
6WDUW8S9ROWDJH
9,1 9→9 


9
∆Vstart/∆Topt
Start-Up Voltage Temperature
Coefficient
-40°C
≤Topt≤85°C
VIN=0V
→2V 

P9ƒ&
,''
6XSSO\&XUUHQW
9287 9&( VHW9287 9


—$
,VWDQE\
6WDQGE\&XUUHQW
9287 9 9&( 9

—$

RVF
0D[LPXP2VFLOODWRU)UH
TXHQF\
9287 9&( VHW9287×



N+]
1RVF∆Topt
)UHTXHQF\7HPSHUDWXUH&R
HIILFLHQW
ƒ&≤7RSW≤ƒ&

N+]ƒ&
'XW\
2VFLOODWRU'XW\&\FOH
9287 9&( VHW9287×
219(;7 ´+µVLGH



9&(+
&(´+µ,QSXW9ROWDJH
9287 9&( VHW9287×
-XGJPHQWLVPDGH E\ WKH (;7
ZDYHIRUP

9
9&(/
&(´/µ,QSXW9ROWDJH
9287 9&( VHW9287×
-XGJPHQWLVPDGH E\ WKH (;7
ZDYHIRUP

9
,&(+
&(´+µ,QSXW&XUUHQW
9287 9 9&( 9



—$
,&(/
&(´/µ,QSXW&XUUHQW
9287 9 9&( 9



—$
,''
6XSSO\&XUUHQW
9≤9287≤9 (;7QRORDG 


—$
,''
6XSSO\&XUUHQW
9≤9287≤9 (;7QRORDG 


—$
,''
6XSSO\&XUUHQW
9≤9287≤9 (;7QRORDG 


—$
,''
6XSSO\&XUUHQW
9≤9287≤9 (;7QRORDG 


—$
,(;7+
(;7´+µ2XWSXW9ROWDJH
9≤9287≤9
9(;7 92879

P$
,(;7+
(;7´+µ2XWSXW9ROWDJH
9≤9287≤9
9(;7 92879

P$


Similar Part No. - RN5RK352A-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RK301A RICOH-RN5RK301A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK301A-TL RICOH-RN5RK301A-TL Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK301A-TR RICOH-RN5RK301A-TR Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK301B RICOH-RN5RK301B Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK301B-TL RICOH-RN5RK301B-TL Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
More results

Similar Description - RN5RK352A-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RK1A RICOH-RN5RK1A Datasheet
226Kb / 23P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com