Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPW4670-1 Datasheet(PDF) 1 Page - Filtran LTD

Part # TPW4670-1
Description  ISDN U-BUS Input/Output Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TPW4670-1 Datasheet(HTML) 1 Page - Filtran LTD

  TPW4670-1 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The TPW4670 transformer is de-
signed to interface with the sub-
scribers premises (NT) and the
2- wire line side of the Central
Office Equipment (LT) in the
ISDN Network.
TPW4670 meets the electrical
specifications of ANSI TI.601-
1988 and is approved for the
Siemens PEB2091 device.
TPW4670-1 meets the require-
ments of the Thomson SD5411
device
ISDN U-BUS
Input/Output Transformer
TPW4670
Filtran Limited
229 Colonnade Road, Nepean, Ontario, Canada. K2E 7K3
4-8
Tel : (613) 226 1626 Fax : (613) 226 7124
Line Impedance
135
135
Inductance
(5-7)+(6-8)
14.5 mH
14.5 mH
Leakage Inductance
(2-11)
< 55
µH
< 55
µH
Winding Capacitance
(5-7)+(6-8)
< 80 pF
< 80 pF
Turns Ratio
(2-11) : (5-7)+(6-8)
1 : 1.6
1 : 1.5
Longitudinal Balance
1 - 4 KHz
> 65 dB
> 65 dB
4 - 160 KHz
> 58 dB
> 58 dB
DC Capability (Line Side)
50mA
50 mA
Dielectric Strength
2000 V rms
2000 V rms.
MECHANICAL
Dot at pin 1
ELECTRICAL
TPW4670
TPW4670-1


Similar Part No. - TPW4670-1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TPW4671 FILTRAN-TPW4671 Datasheet
29Kb / 1P
   ISDN U-BUS Input/Output Transformer
More results

Similar Description - TPW4670-1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW6181 FILTRAN-TEW6181 Datasheet
35Kb / 1P
   ISDN U-BUS Input/Output Transformer
TEW4914 FILTRAN-TEW4914 Datasheet
30Kb / 1P
   ISDN U-BUS Input/Output Transformer
TEW4840 FILTRAN-TEW4840 Datasheet
30Kb / 1P
   ISDN U-BUS Input/Output Transformer
TEW4855 FILTRAN-TEW4855 Datasheet
30Kb / 1P
   ISDN U-BUS Input/Output Transformer
TEW6018 FILTRAN-TEW6018 Datasheet
50Kb / 1P
   ISDN U-BUS Input/Output Transformer
TPW5624 FILTRAN-TPW5624 Datasheet
25Kb / 1P
   ISDN U-Bus Input/Output Transformer
TEW4897 FILTRAN-TEW4897 Datasheet
30Kb / 1P
   ISDN U-BUS Input/Output Transformer
TEW4962 FILTRAN-TEW4962 Datasheet
30Kb / 1P
   ISDN U-BUS Input/Output Transformer
TEW6055 FILTRAN-TEW6055 Datasheet
25Kb / 1P
   ISDN U-BUS Input/Output Transformer
TPW5640 FILTRAN-TPW5640 Datasheet
25Kb / 1P
   ISDN U-Bus Input/Output Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com