Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2181SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2181SPBF
Description  HIGH AND LOW SIDE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2181SPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2181SPBF Datasheet HTML 1Page - International Rectifier IRS2181SPBF Datasheet HTML 2Page - International Rectifier IRS2181SPBF Datasheet HTML 3Page - International Rectifier IRS2181SPBF Datasheet HTML 4Page - International Rectifier IRS2181SPBF Datasheet HTML 5Page - International Rectifier IRS2181SPBF Datasheet HTML 6Page - International Rectifier IRS2181SPBF Datasheet HTML 7Page - International Rectifier IRS2181SPBF Datasheet HTML 8Page - International Rectifier IRS2181SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
up to 600 V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
HIN
V
SS
LIN
V
CC
V
SS
LIN
HIN
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
up to 600 V
TO
LOAD
V
CC
LIN
HIN
Data Sheet No. PD60262
Typical Connection
HIGH AND LOW SIDE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V and 5 V input logic compatible
Matched propagation delay for both channels
Logic and power ground +/- 5 V offset
Lower di/dt gate driver for better noise immunity
Output source/sink current capability 1.4 A/1.8 A
RoHS compliant
IRS21814
IRS2181
IRS2181/IRS21814(S)PbF
www.irf.com
1
(Refer to Lead Assignments for correct pin
configuration). These diagrams show
electrical connections only. Please refer to
our Application Notes and DesignTips for
proper circuit board layout.
Description
The IRS2181/IRS21814 are high
voltage, high speed power MOSFET
and IGBT drivers with independent
high-side and low-side referenced
output channels. Proprietary HVIC
and latch immune CMOS technolo-
gies enable ruggedized monolithic
construction. The logic input is com-
patible with standard CMOS or LSTTL output, down to 3.3 V logic. The output drivers feature a high pulse
current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive
an N-channel power MOSFET or IGBT in the high-side configuration which operates up to 600 V.
Packages
8-Lead PDIP
IRS2181
14-Lead SOIC
IRS21814S
2181
COM
21814
HIN/LIN
no
none
VSS/COM
180/220
2183
Internal 400
COM
21834
HIN/LIN
yes
Program 400-5000
VSS/COM
180/220
2184
Internal 400
COM
21844
IN/SD
yes
Program 400-5000
VSS/COM
680/270
14-Lead PDIP
IRS21814
Feature Comparison
Part
Input
logic
Cross-
conduction
prevention
logic
Deadtime
(ns)
Ground Pins
ton/toff
(ns)
8-Lead SOIC
IRS2181S


Similar Part No. - IRS2181SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2181 IRF-IRS2181 Datasheet
1Mb / 23P
   HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181 Datasheet
888Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
logo
Infineon Technologies A...
IRS2181 INFINEON-IRS2181 Datasheet
622Kb / 23P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60262
logo
International Rectifier
IRS21814 IRF-IRS21814 Datasheet
888Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
More results

Similar Description - IRS2181SPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com