Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX74063-34 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # CX74063-34
Description  RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74063-34 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button CX74063-34 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 11Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 12Page - Skyworks Solutions Inc. CX74063-34 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Data Sheet I CX74063-34/-35/-36
Skyworks Solutions, Inc., Proprietary and Confidential
9
103116C
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
NOVEMBER 25, 2003
Receive Section
LNA and Quadrature Demodulator
Three separate LNAs are integrated to address different bands
of operation. These LNAs have separate single-ended inputs,
which are externally matched to 50
Ω. The gain is switchable
between high (i.e., 15 dB typical) and low (i.e., –5 dB GSM,
–7 dB DCS, and –5 dB PCS typical) settings. The LNA outputs
feed into a quadrature demodulator that downconverts the RF
signals directly to baseband. Two external 470 pF capacitors
are required at the demodulator output to suppress the out-of-
band blockers.
Baseband Section
An off-chip capacitor and three fixed poles of on-chip, low
pass filtering provide rejection of strong in- and out-of-band
interferers. In addition, a tunable, four-pole gmC filter provides
rejection of the adjacent channel blockers. Incorporated within
the fixed-pole filters are two switchable gain stages of 18 dB
and 12 dB gain steps, respectively. There is an additional
programmable gain amplifier with a gain range from 0 to + 34
dB, selectable in 2 dB steps in the four-pole tunable filter. The
final filter output feeds an amplifier with a gain range from 0 to
30 dB, selectable in 6 dB steps.
There is an additional gain stage on the four-pole tunable filter
output, the auxiliary gain stage, selectable at 0 dB or + 6 dB.
The gain control ranges are shown in Figure 3.
Recommended combinations of individual block gain settings
are shown in Table 22 for GSM900, Table 23 for DCS1800, and
Table 24 for PCS1900.
For added baseband interface flexibility, the four-pole filter, its
associated Variable Gain Amplifier (VGA), and DC offset
correction loop can be bypassed and turned off for current
savings.
In Table 2 the typical locations of all eight receiver baseband
poles are given. The final four poles are produced by the
tunable gmC filter, as set by the external resistor
(recommended value is 39.2 k
Ω, 1%) placed from pin 29 to
ground.
For these tunable poles, Table 2 gives the pole location as a
function of this resistor.
DC Offset Correction
Three DC offset correction (DCOC) loops ensure that DC
offsets, generated in the CX74063-3x, do not overload the
baseband chain at any point. After compensation, the
correction voltages are held on capacitors for the duration of
the receive slot(s). Internally, on-chip timing is provided to
generate the track and hold (T_H) signals for the three
correction loops.
The timing diagram for the DC offset correction sequence with
reference to the receive slot is shown in Figure 4. A rising edge
on either the RXENA signal, selected via the serial interface,
places the DC compensation circuitry in the track mode.
The timing parameters for each of the three compensation
loops, tt_H1, tt_H2, and tt_H3, and the time between compensation
start and the LNA being turned on, tFEENA, are defined via an
internal state machine. The state machine is preprogrammed
with fixed default values, but may be readjusted via the serial
interface.
The timing parameters for the three compensation loops and
the LNA power-up are each independently defined, relative to
the compensation start. Therefore, they may be programmed
to occur in any order, but the sequences shown in Figure 4 and
Figure 5 are recommended. The device default timing is shown
in Figure 5, with a total time of 60 μs. Individual default timings
are given in Table 17. For user-programmed timing, the total
time may be set as short as approximately 10 μs when FREF
has a 13 MHz clock applied. However, the shortest
recommended total time is approximately 30 μs, since at the
highest gain settings, the resulting DC may degrade as
correction time is reduced.
AM Suppression and IP2 Calibration
For direct conversion GSM applications, it is imperative to have
extremely low second-order distortion. Mathematically,
second-order distortion of a constant tone generates a DC-
term proportional to the square of the amplitude. A strong
interfering amplitude-modulated (AM) signal is therefore
demodulated by second-order distortion in the receiver front
end, and generates an interfering baseband signal.
Table 2. Receive Pole Locations
Stage
Typical Pole Location (rad/sec)
Pole Type
–1.0 x 106
Real (capacitors at pins 25-26 and 27-28 fixed at 470 pF)
Mixer + RC Filter
–1.65 x 106
Real
LPF1
(–0.91 x 106)
± j(1.35 x 106)
Conjugate
(–0.91 x 106) x (39.2 k
Ω/R)
Real (adjust with resistor at pin 29)
(–0.91 x 106) x (39.2 k
Ω/R)
Real (adjust with resistor at pin 29)
VGA1 + gmC filter
[(–0.46 x 106)
± j(1.0 x 106)] x (39.2 kΩ/R)
Conjugate (adjust with resistor at pin 29)


Similar Part No. - CX74063-34

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
More results

Similar Description - CX74063-34

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063 SKYWORKS-CX74063 Datasheet
118Kb / 2P
   RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
SKY74963 SKYWORKS-SKY74963 Datasheet
64Kb / 2P
   SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM, GPRS, and EDGE Applications
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com