Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6093 Datasheet(PDF) 1 Page - Filtran LTD

Part # 6093
Description  Power Line Filter 28VDC 250A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

6093 Datasheet(HTML) 1 Page - Filtran LTD

  6093 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCHEMATIC
Power Line Filter 28VDC 250A
6093
ELECTRICAL SPECIFICATION @ 25 ˚C
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
The 6093 was designed to reduce the ripple noise
generated by the inverter circuit in generator sets.
This is just one of several custom line filter
assemblies that have been designed for a variety
of input voltages and currents up to 400A.
MECHANICAL AND SCHEMATIC (All dimensions in inches)
Input Voltage
25 VDC
Noise Attenuation
@ 250A load
>30 dBrnc
Frequency Attenuation
@20 Hz
>70 dB
(with 50Ω source & load)
Above 1 kHz
>100 dB
Ambient temperature
-40°C to +85°C


Similar Part No. - 6093

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60938-1 MACOM-60938-1 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
TE Connectivity Ltd
60938-1 TEC-60938-1 Datasheet
50Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
60938-2 MACOM-60938-2 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
TE Connectivity Ltd
60938-2 TEC-60938-2 Datasheet
50Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6093

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6123 FILTRAN-6123 Datasheet
104Kb / 1P
   POWER LINE FILTER 28VDC 100A
logo
Tyco Electronics
1-1609034-7 MACOM-1-1609034-7 Datasheet
89Kb / 1P
   POWER LINE FILTER
1-1609034-2 MACOM-1-1609034-2 Datasheet
87Kb / 1P
   POWER LINE FILTER
1-1609034-9 MACOM-1-1609034-9 Datasheet
89Kb / 1P
   POWER LINE FILTER
2-1609034-2 MACOM-2-1609034-2 Datasheet
90Kb / 1P
   POWER LINE FILTER
1-1609034-3 MACOM-1-1609034-3 Datasheet
89Kb / 1P
   POWER LINE FILTER
1-1609034-4 MACOM-1-1609034-4 Datasheet
89Kb / 1P
   POWER LINE FILTER
1-1609034-6 MACOM-1-1609034-6 Datasheet
91Kb / 1P
   POWER LINE FILTER
1-1609034-8 MACOM-1-1609034-8 Datasheet
90Kb / 1P
   POWER LINE FILTER
2-1609034-1 MACOM-2-1609034-1 Datasheet
88Kb / 1P
   POWER LINE FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com