Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2566-1 Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS2566-1
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2566-1 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS2566-1 Datasheet HTML 6Page - California Eastern Labs PS2566-1 Datasheet HTML 7Page - California Eastern Labs PS2566-1 Datasheet HTML 8Page - California Eastern Labs PS2566-1 Datasheet HTML 9Page - California Eastern Labs PS2566-1 Datasheet HTML 10Page - California Eastern Labs PS2566-1 Datasheet HTML 11Page - California Eastern Labs PS2566-1 Datasheet HTML 12Page - California Eastern Labs PS2566-1 Datasheet HTML 13Page - California Eastern Labs PS2566-1 Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ORDERING INFORMATION (Pb-Free) (2/2)
Part Number
Package
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS2566-2-V-A
8-pin DIP
Magazine case 45 pcs
VDE approved
PS2566-2
PS2566L-2-V-A
products (Option)
PS2566L1-2-V-A
PS2566L2-2-V-A
PS2566L-2-V-E3-A
Embossed Tape 1 000 pcs/reel
PS2566L-2-V-E4-A
PS2566-4-V-A
16-pin DIP
Magazine case 20 pcs
PS2566-4
PS2566L-4-V-A
PS2566L1-4-V-A
PS2566L2-4-V-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
PS2566-1
PS2566-2,-4
Diode
Forward Current (DC)
IF
80
mA
Power Dissipation Derating
PD/°C
1.5
1.2
mW/
°C
Power Dissipation
PD
150
120
mW/ch
Peak Forward Current
*1
IFP
1
A
Transistor
Collector to Emitter Voltage
VCEO
40
V
Emitter to Collector Voltage
VECO
6
V
Collector Current
IC
200
160
mA/ch
Power Dissipation Derating
PC/°C
2.0
1.6
mW/
°C
Power Dissipation
PC
200
160
mW/ch
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +100
°C
Storage Temperature
Tstg
–55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output
Data Sheet PN10237EJ02V0DS
10
PS2566-1,-2,-4,PS2566L-1,-2,-4,PS2566L1-1,-2,-4,PS2566L2-1,-2,-4


Similar Part No. - PS2566-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2566-1 NEC-PS2566-1 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2566-1 RENESAS-PS2566-1 Datasheet
335Kb / 22P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
NEC
PS2566-1-V NEC-PS2566-1-V Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2566-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1 CEL-PS2506-1 Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2566-1 RENESAS-PS2566-1 Datasheet
335Kb / 22P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
List of Unclassifed Man...
PS2506-4-A ETC2-PS2506-4-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2566-1 NEC-PS2566-1 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1-A CEL-PS2506-1-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com