Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT245BPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT245BPWR
Description  3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT245BPWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVT245BPWR Datasheet HTML 1Page - Texas Instruments SN74LVT245BPWR Datasheet HTML 2Page - Texas Instruments SN74LVT245BPWR Datasheet HTML 3Page - Texas Instruments SN74LVT245BPWR Datasheet HTML 4Page - Texas Instruments SN74LVT245BPWR Datasheet HTML 5Page - Texas Instruments SN74LVT245BPWR Datasheet HTML 6Page - Texas Instruments SN74LVT245BPWR Datasheet HTML 7Page - Texas Instruments SN74LVT245BPWR Datasheet HTML 8Page - Texas Instruments SN74LVT245BPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN74LVT245B
3.3V ABT OCTAL BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCES004H − JANUARY 1995 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down. The
power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
terminal assignments
1234
A
A1
DIR
VCC
OE
B
A3
B2
A2
B1
C
A5
A4
B4
B3
D
A7
B6
A6
B5
E
GND
A8
B8
B7
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
logic diagram (positive logic)
DIR
OE
A1
B1
To Seven Other Channels
1
2
19
18
Pin numbers shown are for the DB, DW, NS, PW, and RGY packages.
GQN OR ZQN PACKAGE
(TOP VIEW)
1
234
A
B
C
D
E


Similar Part No. - SN74LVT245BPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT245BPWR TI-SN74LVT245BPWR Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245BPWRE4 TI-SN74LVT245BPWRE4 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245BPWRG4 TI-SN74LVT245BPWRG4 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT245BPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH245A-EP TI1-SN74LVTH245A-EP Datasheet
510Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245B TI-SN74LVT245B_10 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH32245 TI-SN74LVTH32245 Datasheet
277Kb / 10P
[Old version datasheet]   3.3 V ABT BUS TRANSCEIVER WITH 3 STATE OUTPUTS
SN74LVTH652-EP TI1-SN74LVTH652-EP Datasheet
328Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH543-EP TI1-SN74LVTH543-EP Datasheet
300Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com