Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2566-4-V-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2566-4-V-A
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2566-4-V-A Datasheet(HTML) 2 Page - California Eastern Labs

  PS2566-4-V-A Datasheet HTML 1Page - California Eastern Labs PS2566-4-V-A Datasheet HTML 2Page - California Eastern Labs PS2566-4-V-A Datasheet HTML 3Page - California Eastern Labs PS2566-4-V-A Datasheet HTML 4Page - California Eastern Labs PS2566-4-V-A Datasheet HTML 5Page - California Eastern Labs PS2566-4-V-A Datasheet HTML 6Page - California Eastern Labs PS2566-4-V-A Datasheet HTML 7Page - California Eastern Labs PS2566-4-V-A Datasheet HTML 8Page - California Eastern Labs PS2566-4-V-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PACKAGE DIMENSIONS (UNIT : mm)
DIP Type (New package)
PS2566-1
2.54
1.25±0.15
0.50±0.10
0.25 M
4.6±0.35
0 to 15˚
7.62
0.25
+0.1
–0.05
TOP VIEW
1. Anode,
Cathode
2. Cathode,
Anode
3. Emitter
4. Collector
12
43
Caution New package 1-ch only
DIP Type
PS2566-4
TOP VIEW
1, 3, 5, 7. Anode, Cathode
2, 4, 6, 8. Cathode, Anode
9, 11, 13, 15. Emitter
10, 12, 14, 16. Collector
19.8±0.5
0 to 15˚
7.62
0.25
+0.1
–0.05
2.54
1.25±0.15
0.50±0.10
0.25 M
12
3
4
5
6
78
16 15 14 13 12 11 10 9
PS2566-1
4.6±0.5
2.54
1.25±0.15
0.50±0.10
0.25 M
0 to 15˚
7.62
0.25
+0.1
–0.05
TOP VIEW
1. Anode,
Cathode
2. Cathode,
Anode
3. Emitter
4. Collector
12
43
9.7±0.5
2.54
1.25±0.15
0.50±0.10
0.25 M
0 to 15˚
7.62
0.25
+0.1
–0.05
PS2566-2
1, 3. Anode, Cathode
2, 4. Cathode, Anode
5, 7. Emitter
6, 8. Collector
TOP VIEW
123
4
87
6
5
Data Sheet PN10237EJ02V0DS
2
PS2566-1,-2,-4,PS2566L-1,-2,-4,PS2566L1-1,-2,-4,PS2566L2-1,-2,-4


Similar Part No. - PS2566-4-V-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2566-1 NEC-PS2566-1 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2566-1 RENESAS-PS2566-1 Datasheet
335Kb / 22P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
NEC
PS2566-1-V NEC-PS2566-1-V Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2566-2 NEC-PS2566-2 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2566-2-V NEC-PS2566-2-V Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2566-4-V-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1 CEL-PS2506-1 Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2566-1 RENESAS-PS2566-1 Datasheet
335Kb / 22P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
List of Unclassifed Man...
PS2506-4-A ETC2-PS2506-4-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2566-1 NEC-PS2566-1 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1-A CEL-PS2506-1-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com