Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W528S15 Datasheet(PDF) 1 Page - Winbond

Part # W528S15
Description  ADPCM VOICE SYNTHESIZER(PowerSpeech)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W528S15 Datasheet(HTML) 1 Page - Winbond

  W528S15 Datasheet HTML 1Page - Winbond W528S15 Datasheet HTML 2Page - Winbond W528S15 Datasheet HTML 3Page - Winbond W528S15 Datasheet HTML 4Page - Winbond W528S15 Datasheet HTML 5Page - Winbond W528S15 Datasheet HTML 6Page - Winbond W528S15 Datasheet HTML 7Page - Winbond W528S15 Datasheet HTML 8Page - Winbond W528S15 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
W528SXX
ADPCM VOICE SYNTHESIZER
(PowerSpeech)
Publication Release Date: Nov 2000
- 1 -
Revision A1
GENERAL DESCRIPTION
The W528xxx family are programmable speech synthesis ICs that utilize the ADPCM coding method to
generate all types of voice effects.
The W528xxx's LOAD and JUMP commands and four programmable registers provide powerful user-
programmable functions that make this chip suitable for an extremely wide range of speech IC
applications.
The W528xxx family includes 12 kinds of bodies which are the same except for the voice duration
shown below:
BODY
W528S03
W528S05
W528S08A
W528S10
W528S12
W528S15
Second
3 Sec
5 Sec
8 Sec
10 Sec
12 Sec
15 Sec
BODY
W528S20
W528S25
W528S30
W528S40
W528S50
W528S60
Second
20 Sec
25 Sec
30 Sec
40 Sec
50 Sec
60 Sec
Note: The voice durations are estimated by 6.4KHz sampling rate.
FEATURES
Programmable speech synthesizer
Wide operating voltage range: 2.4 to 5.5 volts
4-bit ADPCM synthesis method
Provides 4 direct trigger inputs that can easily be extended to 8 or 12 matrix trigger inputs
Two trigger input debounce times (20 to 40 mS or 160 to 320
µS) can be set
Provides up to 2 LEDs and 3 STOP outputs
Every LED pin can drive 3 LEDs simultaneously
LED flash frequency: 3 Hz
AUD output current: 5 mA
Flexible functions programmable through the following:
− LD (load), JP (jump) commands
− Four registers: R0, EN, STOP, and MODE
− Conditional instructions
− Speech equation
− END instruction
− Global repeat (GR) setting
− Output frequency and LED flash type setting
Programmable power-on initialization (POI) (can be interrupted by trigger inputs)


Similar Part No. - W528S15

ManufacturerPart #DatasheetDescription
logo
Winbond
W528S15 WINBOND-W528S15 Datasheet
485Kb / 17P
   ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
More results

Similar Description - W528S15

ManufacturerPart #DatasheetDescription
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
   ADPCM VOICE SYNTHESIZER
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
   ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
W523X WINBOND-W523X Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
   ADPCM Voice Analysis/Synthesis IC
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
   VOICE SYNTHESIZER
July 1986
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
   8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
TT6298 TONTEK-TT6298 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com