Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG1160A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AG1160A
Description  5V RINGING SLIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG1160A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AG1160A Datasheet HTML 4Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 5Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 6Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 7Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 8Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 9Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 10Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 11Page - List of Unclassifed Manufacturers AG1160A Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
V1.8 October 2006
Ag1160
Data Sheet
© Silver Telecom 2006
Page 9
5V RINGING SLIC
8.0 Electrical Characteristics.
8.1 Absolute Maximum Ratings*
All Voltages are with respect to ground unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
DC Supply Voltage
VCC
-0.3
5.5
V
2
Maximum Power Dissipation, Off Hook @ 25
oC
PSLIC
1.8
W
3
Storage Temperature
TS
-40
+100
OC
*Exceeding the above ratings may cause permanent damage to the product. Functional operation under these conditions is not implied.
Maximum ratings assume free air flow.
8.2 Recommended Operating Conditions*
All Voltages are with respect to ground unless otherwise stated.
Parameter
Symbol
Min
Typ
Max
Units
1
DC Supply Voltage
VCC
4.75
5.0
5.25
V
2
Operating Temperature
TOP
0
25
70
OC
*Typical figures are at 25
°C with nominal +5V supplies and are for design use only.


Similar Part No. - AG1160A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
   LOW COST SLIC
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
AG1170-D3 ETC2-AG1170-D3 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
AG1170-D5 ETC2-AG1170-D5 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
More results

Similar Description - AG1160A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
   QUAD 5V RINGING SLIC
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com