Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA684 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA684
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA684 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA684 Datasheet HTML 7Page - Burr-Brown (TI) OPA684 Datasheet HTML 8Page - Burr-Brown (TI) OPA684 Datasheet HTML 9Page - Burr-Brown (TI) OPA684 Datasheet HTML 10Page - Burr-Brown (TI) OPA684 Datasheet HTML 11Page - Burr-Brown (TI) OPA684 Datasheet HTML 12Page - Burr-Brown (TI) OPA684 Datasheet HTML 13Page - Burr-Brown (TI) OPA684 Datasheet HTML 14Page - Burr-Brown (TI) OPA684 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
OPA3684
11
SBOS241A
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (Cont.)
At TA = +25°C, G = +2, RF = 1kΩ, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
100
1k
Load Resistance (
Ω)
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
See Figure 3
3rd-Harmonic
2nd-Harmonic
–50
–60
–70
–80
–90
Frequency (MHz)
0.1
20
110
HARMONIC DISTORTION vs FREQUENCY
V
O = 2Vp-p
R
L = 100Ω
See Figure 3
2nd-Harmonic
3rd-Harmonic
–50
–60
–70
–80
–90
Output Voltage (Vp-p)
0.5
3
12
HARMONIC DISTORTION vs OUTPUT VOLTAGE
2nd-Harmonic
3rd-Harmonic
See Figure 3
2-TONE, 3RD-ORDER
INTERMODULATION DISTORTION
–15 –14 –13 –12 –11 –10
–6
–5
–7
–8
–9
–4
–3
Power at Load (each tone, dBm)
–50
–60
–70
–80
–90
See Figure 3
10MHz
20MHz
5MHz
SUPPLY AND OUTPUT CURRENT
vs AMBIENT TEMPERATURE
–50
–25
0
25
50
75
125
Ambient Temperature (
°C)
100
90
80
70
60
50
1.5
1.4
1.3
1.2
1.1
1.0
100
Supply Current
Right-Scale
Sourcing Output Current
Left-Scale
Sinking Output Current
Left-Scale
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
Number of 150
Ω Video Loads
14
23
COMPOSITE VIDEO DIFFERENTIAL GAIN/PHASE
dP
dG
G = +2
NTSC, Positive Video


Similar Part No. - OPA684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA684 BURR-BROWN-OPA684 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA684 BURR-BROWN-OPA684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684 Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA684ID TI-OPA684ID Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com