Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4816 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4816
Description  1W Stereo Audio Amplifier Adjustable Output Limiter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4816 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4816 Datasheet HTML 5Page - National Semiconductor (TI) LM4816 Datasheet HTML 6Page - National Semiconductor (TI) LM4816 Datasheet HTML 7Page - National Semiconductor (TI) LM4816 Datasheet HTML 8Page - National Semiconductor (TI) LM4816 Datasheet HTML 9Page - National Semiconductor (TI) LM4816 Datasheet HTML 10Page - National Semiconductor (TI) LM4816 Datasheet HTML 11Page - National Semiconductor (TI) LM4816 Datasheet HTML 12Page - National Semiconductor (TI) LM4816 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Information (Continued)
the voltage applied to the BYPASS pin. The gain of the
internal amplifiers remains unity until the voltage on the
bypass pin reaches 1/2 V
DD. As soon as the voltage on the
BYPASS pin is stable, the device becomes fully operational.
Although the bypass pin current cannot be modified, chang-
ing the size of C
B alters the device’s turn-on time and the
magnitude of "clicks and pops". Increasing the value of C
B
reduces the magnitude of turn-on pops. However, this pre-
sents a tradeoff: as the size of C
B increases, the turn-on time
increases. There is a linear relationship between the size of
C
B and the turn-on time. Here are some typical turn-on times
for various values of C
B:
C
B
T
ON
0.01µF
20 ms
0.1µF
200 ms
0.22µF
440 ms
0.47µF
940 ms
1.0µF
2 Sec
In order eliminate "clicks and pops", all capacitors must be
discharged before turn-on. Rapidly switching V
DD may not
allow the capacitors to fully discharge, which may cause
"clicks and pops".
NO LOAD STABILITY
The LM4816 may exhibit low level oscillation when the load
resistance is greater than 10k
Ω. This oscillation only occurs
as the output signal swings near the supply voltages. Pre-
vent this oscillation by connecting a 5k
Ω between the output
pins and ground.
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 1W into an 8
Ω Load
The following are the desired operational parameters:
Power Output:
1W
RMS
Load Impedance:
8
Input Level:
1V
RMS
Input Impedance:
20k
Bandwidth:
100Hz−20 kHz ± 0.25 dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Supply Voltage curve in the Typical Performance Char-
acteristics section. Another way, using Equation (4), is to
calculate the peak output voltage necessary to achieve the
desired output power for a given load impedance. To ac-
count for the amplifier’s dropout voltage, two additional volt-
ages, based on the Dropout Voltage vs Supply Voltage in the
Typical Performance Characteristics curves, must be
added to the result obtained by Equation (8). The result in
Equation (9).
(8)
V
DD
≥ (V
OUTPEAK +(VODTOP +VODBOT))
(9)
The Output Power vs Supply Voltage graph for an 8
Ω load
indicates a minimum supply voltage of 4.6V. This is easily
met by the commonly used 5V supply voltage. The additional
voltage creates the benefit of headroom, allowing the
LM4816 to produce peak output power in excess of 1W
without clipping or other audible distortion. The choice of
supply voltage must also not create a situation that violates
maximum power dissipation as explained above in the
Power Dissipation section.
After satisfying the LM4816’s power dissipation require-
ments, the minimum differential gain is found using Equation
(10).
(10)
Thus, a minimum gain of 2.83 allows the LM4816’s to reach
full output swing and maintain low noise and THD+N perfor-
mance. For this example, let A
VD =3.
The amplifier’s overall gain is set using the input (R
i) and
feedback (R
f) resistors. With the desired input impedance
set at 20k
Ω, the feedback resistor is found using Equation
(11).
R
f/Ri =AVD/2
(11)
The value of R
f is 30k
Ω.
The last step in this design example is setting the amplifier’s
−3dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one−fifth the lower bandwidth
limit and the high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB
desired limit. The results are an
f
L = 100Hz/5 = 20Hz
(12)
and an
F
H = 20kHzx5 = 100kHz
(13)
As mentioned in the External Components section, R
i
and C
i create a highpass filter that sets the amplifier’s lower
bandpass frequency limit. Find the coupling capacitor’s
value using Equation (14).
(14)
the result is
1/(2
π*20kΩ*20Hz) = 0.398µF
(15)
Use a 0.39µF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain, A
VD, determines the
upper passband response limit. With A
VD = 3 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
300kHz. This is less than the LM4816’s 3.5MHz GBWP. With
www.national.com
11


Similar Part No. - LM4816

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q TI-LM48100Q Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier
More results

Similar Description - LM4816

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4817 NSC-LM4817 Datasheet
738Kb / 21P
   1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
LM4801 NSC-LM4801 Datasheet
725Kb / 20P
   1W Stereo Audio Amplifier Plus Adjustable LDO
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
   1W1W Stereo Speaker / Headphone Amplifier
logo
AMIC Technology
AP130 AMICC-AP130 Datasheet
92Kb / 8P
   1W Per Channel Stereo Class-D Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
MMBT9013 ARTSCHIP-MMBT9013 Datasheet
722Kb / 4P
   1W OUTPUT AMPLIFIER
MMBT9012 ARTSCHIP-MMBT9012 Datasheet
1Mb / 4P
   1W OUTPUT AMPLIFIER
logo
Aplus Intergrated Circu...
AP4890B APLUS-AP4890B Datasheet
325Kb / 15P
   1W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com