Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4816MT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4816MT
Description  1W Stereo Audio Amplifier Adjustable Output Limiter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4816MT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4816MT Datasheet HTML 1Page - National Semiconductor (TI) LM4816MT Datasheet HTML 2Page - National Semiconductor (TI) LM4816MT Datasheet HTML 3Page - National Semiconductor (TI) LM4816MT Datasheet HTML 4Page - National Semiconductor (TI) LM4816MT Datasheet HTML 5Page - National Semiconductor (TI) LM4816MT Datasheet HTML 6Page - National Semiconductor (TI) LM4816MT Datasheet HTML 7Page - National Semiconductor (TI) LM4816MT Datasheet HTML 8Page - National Semiconductor (TI) LM4816MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM4816
1W Stereo Audio Amplifier + Adjustable Output Limiter
General Description
The LM4816 combines a bridged-connected (BTL) stereo
audio power amplifier with an adjustable output voltage mag-
nitude limiter. The audio amplifier delivers 1.0W to an 8
load with less than 1.0% THD+N while operating on a 5V
power supply. With V
LIM set to 1.0V, the amplifier outputs are
clamped to 6V
p-p, ±800mV.
The LM4816 features an external controlled micropower
shutdown mode and thermal shutdown protection. It also
utilizes circuitry that reduces “clicks and pops” during device
turn-on and return from shutdown.
Boomer audio power amplifiers are designed specifically to
use few external components and provide high quality output
power in a surface mount package.
Key Specifications
j POUT (BTL):
V
DD = 5V, THD = 1%, RL =8
1.0W (typ)
j Power supply range
3.0V to 5.5V
j Limiter adjustment range
GND to V
DD/2
j Shutdown current
0.06µA (typ)
Features
n
Stereo BTL amplifier
n
Adjustable output voltage magnitude limiter
n
“Click and pop” suppression circuitry
n
Unity-gain stable audio amplifiers
n
Thermal shutdown protection circuitry
n
TSSOP (MT) package
Applications
n
Notebook computers
n
Multimedia monitors
n
Desktop computers
n
Portable televisions
Typical Application
20033201
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2003
© 2003 National Semiconductor Corporation
DS200332
www.national.com


Similar Part No. - LM4816MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q TI-LM48100Q Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier
More results

Similar Description - LM4816MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4817 NSC-LM4817 Datasheet
738Kb / 21P
   1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
LM4801 NSC-LM4801 Datasheet
725Kb / 20P
   1W Stereo Audio Amplifier Plus Adjustable LDO
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
   1W1W Stereo Speaker / Headphone Amplifier
logo
AMIC Technology
AP130 AMICC-AP130 Datasheet
92Kb / 8P
   1W Per Channel Stereo Class-D Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
MMBT9013 ARTSCHIP-MMBT9013 Datasheet
722Kb / 4P
   1W OUTPUT AMPLIFIER
MMBT9012 ARTSCHIP-MMBT9012 Datasheet
1Mb / 4P
   1W OUTPUT AMPLIFIER
logo
Aplus Intergrated Circu...
AP4890B APLUS-AP4890B Datasheet
325Kb / 15P
   1W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com