Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEM-OPA368XD Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DEM-OPA368XD
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DEM-OPA368XD Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DEM-OPA368XD Datasheet HTML 5Page - Burr-Brown (TI) DEM-OPA368XD Datasheet HTML 6Page - Burr-Brown (TI) DEM-OPA368XD Datasheet HTML 7Page - Burr-Brown (TI) DEM-OPA368XD Datasheet HTML 8Page - Burr-Brown (TI) DEM-OPA368XD Datasheet HTML 9Page - Burr-Brown (TI) DEM-OPA368XD Datasheet HTML 10Page - Burr-Brown (TI) DEM-OPA368XD Datasheet HTML 11Page - Burr-Brown (TI) DEM-OPA368XD Datasheet HTML 12Page - Burr-Brown (TI) DEM-OPA368XD Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
OPA3684
9
SBOS241A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 800Ω, and RL = 100Ω, unless otherwise noted.
SETTLING TIME
010
20
30
40
50
60
Time (ns)
0.05
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
2V Step
See Figure 1
ALL HOSTILE CROSSTALK
Frequency (MHz)
10
1
0.1
100
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
1Vp-p Output
2-Channels, 100
Ω Load
NONINVERTING OVERDRIVE RECOVERY
Time (100ns/div)
4.0
3.2
2.4
1.6
0.8
0
–0.8
–1.6
–2.4
–3.2
–4.0
8.0
6.4
4.8
3.2
1.6
0
–1.6
–3.2
–4.8
–6.4
–8.0
See Figure 1
Input Voltage
Left Scale
Output Voltage
Right Scale
INVERTING OVERDRIVE RECOVERY
Time (100ns/div)
8.0
6.4
4.8
3.2
1.6
0
–1.6
–3.2
–4.8
–6.4
–8.0
8.0
6.4
4.8
3.2
1.6
0
–1.6
–3.2
–4.8
–6.4
–8.0
See Figure 2
Input Voltage
Left Scale
Output Voltage
Right Scale
INPUT AND OUTPUT VOLTAGE RANGE
vs SUPPLY VOLTAGE
Supply Voltage (
±V)
± 4
± 3
± 2
± 5
± 6
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
Input
Voltage
Range
Output
Voltage
Range
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
100k
1M
1k
10k
100
10M
100M
100
10
1
0.01
0.001
800
Z
O
800
1/3
OPA3684


Similar Part No. - DEM-OPA368XD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DEM-OPA-SO-1A BURR-BROWN-DEM-OPA-SO-1A Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
DEM-OPA-SO-1A TI-DEM-OPA-SO-1A Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
DEM-OPA-SOT-1A BURR-BROWN-DEM-OPA-SOT-1A Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
DEM-OPA-SOT-1A TI-DEM-OPA-SOT-1A Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
DEM-OPA68XU BURR-BROWN-DEM-OPA68XU Datasheet
59Kb / 4P
   EVALUATION FIXTURE
More results

Similar Description - DEM-OPA368XD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com