Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

M56750FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. M56750FP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M56750FP Datasheet(HTML) 6 Page - Renesas Technology Corp

  M56750FP Datasheet HTML 1Page - Renesas Technology Corp M56750FP Datasheet HTML 2Page - Renesas Technology Corp M56750FP Datasheet HTML 3Page - Renesas Technology Corp M56750FP Datasheet HTML 4Page - Renesas Technology Corp M56750FP Datasheet HTML 5Page - Renesas Technology Corp M56750FP Datasheet HTML 6Page - Renesas Technology Corp M56750FP Datasheet HTML 7Page - Renesas Technology Corp M56750FP Datasheet HTML 8Page - Renesas Technology Corp M56750FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M56750FP
Rev.1.0, Sep.19.2003, page 6 of 8
Application Circuit
MATRIX
GND
120˚
VLIM
U
V
W
Hu
Hv
Hw
Hu+
Hu-
Hv+
Hv-
Hw+
Hw-
PS
Rs
CI
TSD
I / I
BIAS
ACC
DEC
FGOUT
FG+
FG-
+
-
FG
CHARGE
PUMP
[HI : Power save]
Power save
[Lo or Open : ON]
VCTL
RCP
CPOUT
0.5
24v
HD
HALL
DRIVE
ICP
1
36
35
34
4
32
33
17
18
16
15
14
13
6
5
2
31
23
24
21
22
19
20
7~12,25~30
Power Supply
Vcc
Converter
I / I
Converter
RNF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NJU7327 Single-phase DC Brushless Motor Driver IC 1  2  3  4  5  More New Japan Radio
IRMD22141SS Demo Board For 3-phase / 380V motor drives 1  2  3  4  5  More International Rectifier
BD6609FV Spindle Motor Driver for CD/MD 1  2  Rohm
TMC239 High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface 1  2  3  4  5  More List of Unclassifed Manufacturers
IR2237 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
LB11862M Single-Phase Full-Wave Fan Motor Driver 1  2  3  4  5  Sanyo Semicon Device
17510 1.2 A 15 V H-Bridge Motor Driver IC 1  2  3  4  5  More Freescale Semiconductor, Inc
TB6592FL Dual-Bridge Driver IC for DC motor 1  2  3  4  5  More Sipex Corporation
BD6670FM 3Phase spindle motor driver for CD-RW 1  2  3  4  5  More Rohm
M63160J STEPPING MOTOR DRIVER 1  2  3  4  5  More Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn