Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M56750FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M56750FP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M56750FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M56750FP Datasheet HTML 1Page - Renesas Technology Corp M56750FP Datasheet HTML 2Page - Renesas Technology Corp M56750FP Datasheet HTML 3Page - Renesas Technology Corp M56750FP Datasheet HTML 4Page - Renesas Technology Corp M56750FP Datasheet HTML 5Page - Renesas Technology Corp M56750FP Datasheet HTML 6Page - Renesas Technology Corp M56750FP Datasheet HTML 7Page - Renesas Technology Corp M56750FP Datasheet HTML 8Page - Renesas Technology Corp M56750FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.1.0, Sep.19.2003, page 1 of 8
M56750FP
3-PHASE BRUSHLESS MOTOR DRIVER
REJ03F0049-0100Z
Rev.1.0
Sep.19.2003
Outline
M56750FP is a 3 phase brushless motor driver that include charge pump circuit, which is inputted a acceleration and
deceleration pulse signal from a external discriminator circuit. The pulse width is converted to the voltage by the above
charge pump circuit and a external filter. And, the current in proportion to this voltage is outputted.
Features
• Wide voltage range: From 12V to 24V.
• High current capability : 1.0A
• Inclusion of current limit circuit.
• Inclusion of charge pump circuit.
• Inclusion of Hall-sensors drive circuit.
(This function is linked with a power save function.)
• Inclusion of power save function.
• Inclusion FG amplifier.
• Inclusion of Thermal Shut Down (TSD) circuit.
Application
Scanner motor of Laser Beam Printer.


Similar Part No. - M56750FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M56750FP HITACHI-M56750FP Datasheet
119Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
More results

Similar Description - M56750FP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com