Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1984 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1984
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1984 Datasheet(HTML) 1 Page - Analog Devices

  AD1984 Datasheet HTML 1Page - Analog Devices AD1984 Datasheet HTML 2Page - Analog Devices AD1984 Datasheet HTML 3Page - Analog Devices AD1984 Datasheet HTML 4Page - Analog Devices AD1984 Datasheet HTML 5Page - Analog Devices AD1984 Datasheet HTML 6Page - Analog Devices AD1984 Datasheet HTML 7Page - Analog Devices AD1984 Datasheet HTML 8Page - Analog Devices AD1984 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
a
High Definition Audio
SoundMAX® Codec
AD1984
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
FOUR 192 kHz DACs/ADCs
Two independent stereo DAC/ADC pairs
Simultaneous record of two stereo channels
Simultaneous playback of two stereo channels
Independent 8, 11.025, 16, 22.05, 32, 44.1,
48, 88.2, 96, 176.4, and 192 kHz sample rates
16, 20, and 24-bit resolution
Selectable stereo mixer on outputs
4-CHANNEL DIGITAL MICROPHONE INTERFACE
Four 192 kHz digital microphone channels
Supports multiple microphone types
Two microphones per pin (four total)
One microphone per pin (two total)
Low pin count, uses 3 pins
Stereo or quad array support
8, 11.025, 16, 22.05, 32, 44.1, 48, 88.2, 96,
176.4, and 192 kHz sample rates
16, 20, and 24-bit resolution
S/PDIF OUTPUT
Supports 44.1, 48, 88.2, 96, 176.4, and 192 kHz sample rates
16, 20, and 24-bit data; PCM, and AC3 formats
Digital PCM gain control
DEDICATED AUXILLARY PINS
Stereo CD/auxillary I/O port w/GND sense
Stereo auxillary/dock I/O port
Mono out pin for internal speakers or telephony
ENHANCED FEATURES
Two stereo headphone amplifiers
Microsoft Vista premimum logo for notebook and desktop
96+ dB audio outputs, 90+ dB audio inputs
Internal 32-bit arithmetic for greater accuracy
Impedance and presence detection on all jacks
Three independent microphone bias pins
Digital and analog PCBeep
Three general-purpose digital I/O (GPIO) pins
3.3 V analog and digital supply voltages
Advanced power management modes
48-lead, Pb-free LFCSP_VQ package
Figure 1. Functional Block Diagram
ADC0
ADC1
DAC0
DM_CLK
DM_1/2
DM_3/4
DIGITAL
MICROPHONE
MONO OUT
PORT A
PORT D
PORT F
AD1984
H
D
A
U
D
I
O
I
N
T
E
R
F
A
C
E
PORT C
PORT E
PORT B
S/PDIF OUT
DAC1
PCBEEP
HP
HP
DIGITAL
PCBEEP


Similar Part No. - AD1984

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984B AD-AD1984B Datasheet
302Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1984

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com