Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1984JCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD1984JCPZ
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1984JCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1984JCPZ Datasheet HTML 6Page - Analog Devices AD1984JCPZ Datasheet HTML 7Page - Analog Devices AD1984JCPZ Datasheet HTML 8Page - Analog Devices AD1984JCPZ Datasheet HTML 9Page - Analog Devices AD1984JCPZ Datasheet HTML 10Page - Analog Devices AD1984JCPZ Datasheet HTML 11Page - Analog Devices AD1984JCPZ Datasheet HTML 12Page - Analog Devices AD1984JCPZ Datasheet HTML 13Page - Analog Devices AD1984JCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. 0
|
Page 10 of 20
|
January 2007
AD1984
Table 3. AD1984 Pin Descriptions
Mnemonic
Pin No.
I/O
Description
DIGITAL INTERFACE
SDATA_OUT
BIT_CLK
SDATA_IN
SYNC
RESET
5
6
8
10
11
I
I
I/O
I
I
Link Serial Data Output. AD1984 input stream. Clocked on both edges of the
BIT_CLK.
Link Bit Clock. 24.000 MHz serial data clock .
Link Serial Data Input. AD1984 output stream clocked only on one edge of BIT_CLK.
Link Frame Sync.
Link Reset. AD1984 master hardware reset.
DIGITAL I/O
DM_1/DM_2
DM_3/DM_4
DM_CLK
GPIO_2
GPIO_1/MIC_BIAS-E
GPIO_0/EAPD
S/PDIF_OUT
2
4
46
30
31
47
48
I
I
O
I/O
I/O
I/O
O
Digital microphone 1 and 2 inputs (for bi-phase microphones), or digital microphone
1 input (for single-phase microphones).
Digital microphone 3 and 4 inputs (for bi-phase microphones), or digital microphone
2 input (for single-phase microphones).
Clock to drive external digital microphones.
General Purpose Input/Output Pins. Digital signals used to control or sense external
circuitry.
General Purpose I/O/Microphone Bias for Port E. Capable of Hi-Z, 1.65 V, and 2.86 V.
Pin 31 shares functionality between GPIO_1 (default) and MIC_BIAS_E. These
functions are mutually exclusive and the GPIO function takes priority over the
MIC_BIAS function. When the GPIO enable bit is 0, Pin 31 functions as a MIC_BIAS pin
associated with Port E.
EAPD/General Purpose Input/Output pin. Pin 47 shares functionality between
GPIO_0 and EAPD. These functions are mutually exclusive and the EAPD function
takes priority over the GPIO function. By default, the pin is in a Hi-Z state. External
resistors should be used to insure the proper circuit state when this pin is in Hi-Z.
S/PDIF_OUT – Supports S/PDIF output.
JACK SENSE AND EAPD
SENSE_A/SRC_B
SENSE_B/SRC_A
13
34
I/O
I/O
Jack Sense A-D Input/Sense B drive.
Jack Sense E-F Input/Sense A drive.
ANALOG I/O
PCBEEP
Port E_L
Port E_R
Port F_L
Port F_R
CD_GND
Port B_L
Port B_R
Port C_L
Port C_R
MONO_OUT
Port D_L
Port D_R
Port A_L
Port A_R
12
14
15
16
17
19
21
22
23
24
32
35
36
39
41
LI
LI, MIC, LO
LI, MIC, LO
LI, LO
LI, LO
I
LI, MIC
LI, MIC
LI, MIC
LI, MIC
LO
HP, LO
HP, LO
HP, LO
HP, LO
Monaural Input from system for Analog PCBeep.
Auxiliary Input/Output Left Channel.
Auxiliary Input/Output Right Channel.
Auxiliary Input/Output Left Channel.
Auxiliary Input/Output Right Channel.
CD-Audio-Analog-Ground-Reference. Must be connected to AGND via a 0.1
μF
capacitor if not in use as CD_GND. MUST always be ac coupled.
Front Panel Stereo MIC/Line-In.
Front Panel Stereo MIC/Line-In.
Rear Panel Stereo MIC/Line-In.
Rear Panel Stereo MIC/Line-In.
Monaural Output to Internal Speaker or Telephony Subsystem Speakerphone.
Rear Panel Headphone/Line-Out.
Rear Panel Headphone/Line-Out.
Front Panel Headphone/Line-Out.
Front Panel Headphone/Line-Out.
The symbols used in this table are defined as: I = Input, O = Output, LI = Line Level Input, LO = Line Level Output, HP = Output capable of
driving headphone load, MIC = Input supports microphones with MIC bias and boost amplifier.


Similar Part No. - AD1984JCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984B AD-AD1984B Datasheet
302Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1984JCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com