Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5510 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5510
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5510 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS5510 Datasheet HTML 1Page - Burr-Brown (TI) ADS5510 Datasheet HTML 2Page - Burr-Brown (TI) ADS5510 Datasheet HTML 3Page - Burr-Brown (TI) ADS5510 Datasheet HTML 4Page - Burr-Brown (TI) ADS5510 Datasheet HTML 5Page - Burr-Brown (TI) ADS5510 Datasheet HTML 6Page - Burr-Brown (TI) ADS5510 Datasheet HTML 7Page - Burr-Brown (TI) ADS5510 Datasheet HTML 8Page - Burr-Brown (TI) ADS5510 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5510
SLAS499 – JANUARY 2007
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 125 MSPS, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1 dBFS differential
input, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
11
bits
Analog Inputs
Differential input range
2.3
VPP
Differential input impedance
See Figure 24
6.6
k
Differential input capacitance
See Figure 24
4
pF
Analog input common-mode current
300
µA
(per input)
Analog input bandwidth
Source impedance = 50
750
MHz
Clock
Voltage overload recovery time
4
cycles
Internal Reference Voltages
V(REFM)
Reference bottom voltage
0.95
V
V(REFP)
Reference top voltage
2.1
V
Reference error
–4%
±0.9%
4%
1.55
VCM
Common-mode voltage output
V
±0.05
Dynamic DC Characteristics and Accuracy
No missing codes
Tested
DNL
Differential nonlinearity error
fIN = 10 MHz
-0.5
±0.25
0.5
LSB
INL
Integral nonlinearity error
fIN = 10 MHz
-1.5
±0.8
1.5
LSB
Offset error
-11
+2.5
+11
mV
Offset temperature coefficient
0.01
mV/
°C
∆offset error/∆AV
DD from AVDD = 3 V to
PSRR
DC power-supply rejection ratio
0.25
mV/V
AVDD = 3.6 V
Gain error (1)
-2
±0.45
+2
%FS
Gain temperature coefficient
0.01
∆%/°C
Dynamic AC Characteristics
fIN = 10 MHz
62.5
66.7
fIN = 70 MHz
66.5
SNR
Signal-to-noise ratio
fIN = 100 MHz
66.3
dBFS
fIN = 130 MHz
66
fIN = 170 MHz
65.5
fIN = 10 MHz
73
84
fIN = 70 MHz
81
SFDR
Spurious-free dynamic range
fIN = 100 MHz
82
dBc
fIN = 130 MHz
78
fIN = 170 MHz
72
fIN = 10 MHz
73
91
fIN = 70 MHz
87
HD2
Second-harmonic
fIN = 100 MHz
84
dBc
fIN = 130 MHz
79
fIN = 170 MHz
74
(1)
Gain error is specified by design and characterization; it is not tested in production.
3
Submit Documentation Feedback


Similar Part No. - ADS5510

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510I BURR-BROWN-ADS5510I Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510IPAP BURR-BROWN-ADS5510IPAP Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510IPAPG4 BURR-BROWN-ADS5510IPAPG4 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510IPAPR BURR-BROWN-ADS5510IPAPR Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5510

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com