Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT257M Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT257M
Description  Quad 2-Input Multiplexer with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT257M Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT257M Datasheet HTML 1Page - Texas Instruments CD74ACT257M Datasheet HTML 2Page - Texas Instruments CD74ACT257M Datasheet HTML 3Page - Texas Instruments CD74ACT257M Datasheet HTML 4Page - Texas Instruments CD74ACT257M Datasheet HTML 5Page - Texas Instruments CD74ACT257M Datasheet HTML 6Page - Texas Instruments CD74ACT257M Datasheet HTML 7Page - Texas Instruments CD74ACT257M Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Low Level Output Voltage
VOL
VIH or VIL
0.05
1.5
-
0.1
-
0.1
-
0.1
V
0.05
3
-
0.1
-
0.1
-
0.1
V
0.05
4.5
-
0.1
-
0.1
-
0.1
V
12
3
-
0.36
-
0.44
-
0.5
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75
(Note 6, 7)
5.5
-
-
-
1.65
-
-
V
50
(Note 6, 7)
5.5
-----
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Three-State Leakage
Current
IOZ
VIH or VIL
VO =VCC
or GND
-
5.5
-
±0.5
-
±5-
±10
µA
Quiescent Supply Current
MSI
ICC
VCC or
GND
0
5.5
-
8
-
80
-
160
µA
ACT TYPES
High Level Input Voltage
VIH
-
-
4.5 to
5.5
2-2-2-
V
Low Level Input Voltage
VIL
-
-
4.5 to
5.5
-
0.8
-
0.8
-
0.8
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75
(Note 6, 7)
5.5
-
-
3.85
-
-
-
V
-50
(Note 6, 7)
5.5
----
3.85
-
V
Low Level Output Voltage
VOL
VIH or VIL
0.05
4.5
-
0.1
-
0.1
-
0.1
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75
(Note 6, 7)
5.5
-
-
-
1.65
-
-
V
50
(Note 6, 7)
5.5
-----
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Three-State or Leakage
Current
IOZ
VIH or VIL
VO =VCC
or GND
-
5.5
-
±0.5
-
±5-
±10
µA
Quiescent Supply Current
MSI
ICC
VCC or
GND
0
5.5
-
8
-
80
-
160
µA
Additional Supply Current per
Input Pin TTL Inputs High
1 Unit Load
∆ICC
VCC
-2.1
-
4.5 to
5.5
-
2.4
-
2.8
-
3
mA
NOTES:
6. Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to minimize
power dissipation.
7. Test verifies a minimum 50
Ω transmission-line-drive capability at 85oC, 75Ω at 125oC.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
CD54/74AC257, CD54/74ACT257, CD74ACT258


Similar Part No. - CD74ACT257M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT257M TI-CD74ACT257M Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74ACT257M TI-CD74ACT257M Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74ACT257M TI-CD74ACT257M Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74ACT257M96 TI-CD74ACT257M96 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74ACT257M96 TI-CD74ACT257M96 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results

Similar Description - CD74ACT257M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
logo
Intersil Corporation
ACS257MS INTERSIL-ACS257MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com