Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC132ABQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC132ABQ
Description  Quad 2-input NAND Schmitt trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC132ABQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC132ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC132ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC132ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC132ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC132ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC132ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC132ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC132ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC132ABQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LVC132A_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 December 2006
7 of 15
NXP Semiconductors
74LVC132A
Quad 2-input NAND Schmitt trigger
Test data is given in Table 8. Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 7.
Load circuitry for switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
PULSE
GENERATOR
Table 8.
Test data
Supply voltage
Input
Load
VEXT
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2 V
VCC
≤ 2 ns
30 pF
1 k
open
2
× VCC
GND
1.65 V to 1.95 V
VCC
≤ 2 ns
30 pF
1 k
open
2
× VCC
GND
2.3 V to 2.7 V
VCC
≤ 2 ns
30 pF
500
open
2
× VCC
GND
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
2
× VCC
GND
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
2
× VCC
GND


Similar Part No. - 74LVC132ABQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC132ABQ NXP-74LVC132ABQ Datasheet
96Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Nexperia B.V. All right...
74LVC132ABQ NEXPERIA-74LVC132ABQ Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
74LVC132ABQ-Q100 NEXPERIA-74LVC132ABQ-Q100 Datasheet
761Kb / 16P
   Quad 2-input NAND Schmitt trigger
More results

Similar Description - 74LVC132ABQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com