Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HY5PS1G821M Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY5PS1G821M
Description  1Gb DDR2 SDRAM(DDP)
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS1G821M Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY5PS1G821M Datasheet HTML 4Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 5Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 6Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 7Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 8Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 9Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 10Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 11Page - Hynix Semiconductor HY5PS1G821M Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
Rev. 0.2 / Oct. 2005
8
1HY5PS12421(L)M
HY5PS12821(L)M
1.3 PIN DESCRIPTION
PIN
TYPE
DESCRIPTION
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input signals are sam-
pled on the crossing of the positive edge of CK and negative edge of CK. Output (read) data
is referenced to the crossings of CK and CK (both directions of crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE LOW deactivates internal clock signals, and
device input buffers and output drivers. Taking CKE LOW provides PRECHARGE POWER
DOWN and SELF REFRESH operation (all banks idle), or ACTIVE POWER DOWN (row
ACTIVE in any bank). CKE is synchronous for POWER DOWN entry and exit, and for SELF
REFRESH entry. CKE is asynchronous for SELF REFRESH exit, and for output disable. CKE
must be maintained high throughout READ and WRITE accesses. Input buffers, excluding
CK, CK and CKE are disabled during POWER DOWN. Input buffers, excluding CKE are dis-
abled during SELF REFRESH. CKE is an SSTL_18 input, but will detect an LVCMOS LOW level
after Vdd is applied.
CS
Input
Chip Select : Enables or disables all inputs except CK, CK, CKE, DQS and DM. All commands
are masked when CS is registered high. CS provides for external bank selection on systems
with multiple banks. CS is considered part of the command code.
ODT
Input
On Die Termination Control : ODT enables on die termination resistance internal to the
DDR2 SDRAM. When enabled, on die termination is only applied to DQ, DQS, DQS, RDQS,
RDQS, and DM.
RAS, CAS, WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being entered.
DM
(LDM, UDM)
Input
Input Data Mask : DM is an input mask signal for write data. Input Data is masked when DM
is sampled High coincident with that input data during a WRITE access. DM is sampled on
both edges of DQS, Although DM pins are input only, the DM loading matches the DQ and
DQS loading. For x8 device, the function of DM or RDQS/ RDQS is enabled by EMRS com-
mand.
BA0, BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an ACTIVE, Read, Write or PRE-
CHARGE command is being applied. Bank address also determines if the mode register or
extended mode register is to be accessed during a MRS or EMRS cycle.
A0 ~ A13
Input
Address Inputs: Provide the row address for ACTIVE commands, and the column address
and AUTO PRECHARGE bit for READ/WRITE commands to select one location out of the
memory array in the respective bank. A10 is sampled during a precharge command to deter-
mine whether the PRECHARGE applies to one bank (A10 LOW) or all banks (A10 HIGH). If
only one bank is to be precharged, the bank is selected by BA0, BA1. The address inputs
also provide the op code during MODE REGISTER SET commands.
DQ
Input/Output
Data input / output : Bi-directional data bus
DQS, (DQS)
(UDQS),(UDQS)
(LDQS),(LDQS)
(RDQS),(RDQS)
Input/Output
Data Strobe : Output with read data, input with write data. Edge aligned with read data,
centered in write data. For the x16, LDQS correspond to the data on DQ0~DQ7; UDQS cor-
responds to the data on DQ8~DQ15. For the x8, an RDQS option using DM pin can be
enabled via the EMRS(1) to simplify read timing. The data strobes DQS, LDQS, UDQS, and
RDQS may be used in single ended mode or paired with optional complementary signals
DQS, LDQS,UDQS and RDQS to provide differential pair signaling to the system during both
reads and wirtes. An EMRS(1) control bit enables or disables all complementary data strobe
signals.
NC
No Connect : No internal electrical connection is present.
VDDQ
Supply
DQ Ground
VDDL
Supply
DLL Power Supply : 1.8V +/- 0.1V
VSSDL
Supply
DLL Ground
VDD
Supply
Power Supply : 1.8V +/- 0.1V
VSS
Supply
Ground
VREF
Supply
Reference voltage for inputs for SSTL interface.


Similar Part No. - HY5PS1G821M

ManufacturerPart #DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
HY5PS1G831AFP HYNIX-HY5PS1G831AFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G831AFP-C4 HYNIX-HY5PS1G831AFP-C4 Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G831ALFP HYNIX-HY5PS1G831ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G831ALFP-C4 HYNIX-HY5PS1G831ALFP-C4 Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
HY5PS1G831CFP HYNIX-HY5PS1G831CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
More results

Similar Description - HY5PS1G821M

ManufacturerPart #DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
HY5PS2G431AMP HYNIX-HY5PS2G431AMP Datasheet
607Kb / 35P
   2Gb DDR2 SDRAM(DDP)
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS2G431MP HYNIX-HY5PS2G431MP Datasheet
589Kb / 35P
   2Gb DDR2 SDRAM(DDP)
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
H5PS1G63JFR HYNIX-H5PS1G63JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com