Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3080EDGSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3080EDGSR
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3080EDGSR Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD3080EDGSR Datasheet HTML 1Page - Texas Instruments SN65HVD3080EDGSR Datasheet HTML 2Page - Texas Instruments SN65HVD3080EDGSR Datasheet HTML 3Page - Texas Instruments SN65HVD3080EDGSR Datasheet HTML 4Page - Texas Instruments SN65HVD3080EDGSR Datasheet HTML 5Page - Texas Instruments SN65HVD3080EDGSR Datasheet HTML 6Page - Texas Instruments SN65HVD3080EDGSR Datasheet HTML 7Page - Texas Instruments SN65HVD3080EDGSR Datasheet HTML 8Page - Texas Instruments SN65HVD3080EDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
D
R
V
CC
Z
Y
B
A
DE
RE
GND
1
2
3
4
5
6
7
8
9
10
APPLICATIONS
DESCRIPTION
EnabledI
CC
350
ISL
390
450
470
550
370
410
430
490
510
530
TI
MAX
Current-
A
m
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
SLLS771A – NOVEMBER 2006 – REVISED DECEMBER 2006
LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD308xE
• Low Quiescent Power
(TOP VIEW)
375
µA (Typical) Enabled Mode
2 nA (Typical) Shutdown Mode
• Small MSOP Package
• 1/8 Unit-Load—Up to 256 Nodes per Bus
• 16 kV Bus-Pin ESD Protection, 6 kV All Pins
• Failsafe Receiver (Bus Open, Short, Idle)
• TIA/EIA-485A Standard Compliant
• RS-422 Compatible
DEVICE
SIGNAL RATE
SN65HVD3080E
200 kbps
• Motion Controllers
SN65HVD3083E
1 Mbps
• Point-of-Sale (POS) Terminals
SN65HVD3086E
20 Mbps
• Rack-to-Rack Communications
• Industrial Networks
• Power Inverters
• Battery-Powered Applications
• Building Automation
Each of these devices is a balanced driver and receiver designed for full-duplex RS-485 or RS-422 data bus
networks. Powered by a 5-V supply, they are fully compliant with the TIA/EIA-485A standard.
With controlled bus output transition times, the devices are suitable for signaling rates from 200 kbps to
20 Mbps.
The devices are designed to operate with a low supply current, less than 1 mA (typical), exclusive of the load.
When in the inactive shutdown mode, the supply current drops to a few nanoamps, making these devices ideal
for power-sensitive applications.
The wide common-mode range and high ESD protection levels of these devices make them suitable for
demanding applications such as motion controllers, electrical inverters, industrial networks, and cabled chassis
interconnects where noise tolerance is essential.
These devices are characterized for operation over the temperature range -40
°C to 85°C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD3080EDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3080EDGSR TI-SN65HVD3080EDGSR Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGSR TI1-SN65HVD3080EDGSR Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080EDGSRG4 TI-SN65HVD3080EDGSRG4 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3080EDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com