Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

A3969 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part No. A3969
Description  Dual Full-Bridge PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3969 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3969 Datasheet HTML 1Page - Allegro MicroSystems A3969 Datasheet HTML 2Page - Allegro MicroSystems A3969 Datasheet HTML 3Page - Allegro MicroSystems A3969 Datasheet HTML 4Page - Allegro MicroSystems A3969 Datasheet HTML 5Page - Allegro MicroSystems A3969 Datasheet HTML 6Page - Allegro MicroSystems A3969 Datasheet HTML 7Page - Allegro MicroSystems A3969 Datasheet HTML 8Page - Allegro MicroSystems A3969 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Description
The A3969 is designed to drive both windings of a two-phase
bipolar stepper motor. The device includes two H-bridges
capable of continuous output currents of ±650 mAand operating
voltages to 30 V. Motor winding current can be controlled by
the internal fixed-frequency, pulse-width modulated (PWM),
current-control circuitry. The peak load current limit is set by
the user’s selection of a reference voltage and current-sensing
resistors.
The fixed-frequency pulse duration is set by a user-selected
external RC timing network. The capacitor in the RC timing
network also determines a user-selectable blanking window that
prevents false triggering of the PWM current-control circuitry
during switching transitions.
To reduce on-chip power dissipation, the H-bridge power
outputs have been optimized for low saturation voltages. The
sink drivers feature the Allegro® patented Satlington® output
structure. The Satlington outputs combine the low voltage drop
of a saturated transistor and the high peak current capability
of a Darlington.
DS3969
Features and Benefits
▪ ±650 mA Continuous Output Current
▪ 30 V Output Voltage Rating
▪ Internal Fixed-Frequency PWM Current Control
▪ Satlington Sink Drivers
▪ User-Selectable Blanking Window
▪ Internal Ground-Clamp and Flyback Diodes
▪ Internal Thermal-Shutdown Circuitry
▪ Crossover-Current Protection and UVLO Protection
Dual Full-Bridge PWM Motor Driver
Continued on the next page…
Package: 28 pin QFN (suffix ET)
Typical Application
Approximate scale
A3969
Continued on the next page…
21
20
19
18
17
16
15
1
2
3
4
5
6
7
LOGIC
LOGIC
VBB
0.5 Ω
0.5 Ω
56 kΩ
10 kΩ
20 kΩ
EN1
EN2
PH1
PH2
+3.3 V
+3.3 V
+24 V
47 μF
680 pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn