Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC192RM13TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC192RM13TR
Description  SYNCHRONOUS UP/DOWN DECADE COUNTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC192RM13TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC192RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC192RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC192RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC192RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC192RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC192RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC192RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC192RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC192RM13TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M74HC192
6/14
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time (COUNT UP,
DOWN - Q)
2.0
65
190
240
285
ns
4.5
20
38
48
57
6.0
16
32
41
48
tPLH tPHL Propagation Delay
Time (COUNT UP -
CARRY)
2.0
40
130
165
195
ns
4.5
13
26
33
39
6.0
11
22
28
33
tPLH tPHL Propagation Delay
Time
(COUNT DOWN -
BORROW)
2.0
40
130
165
195
ns
4.5
13
26
33
39
6.0
11
22
28
33
tPLH tPHL Propagation Delay
Time (LOAD - Q)
2.0
85
220
275
330
ns
4.5
25
44
55
66
6.0
20
37
47
56
tPLH tPHL Propagation Delay
Time (LOAD -
CARRY)
2.0
110
250
315
375
ns
4.5
30
50
63
75
6.0
25
43
54
64
tPLH tPHL Propagation Delay
Time (LOAD -
BORROW)
2.0
110
250
315
375
ns
4.5
31
50
63
75
6.0
25
43
54
64
tPLH tPHL Propagation Delay
Time (DATA - Q)
2.0
80
190
240
285
ns
4.5
25
38
48
57
6.0
20
32
41
48
tPLH tPHL Propagation Delay
Time (DATA -
CARRY)
2.0
120
250
315
375
ns
4.5
34
50
63
75
6.0
28
43
54
64
tPLH tPHL Propagation Delay
Time (DATA -
BORROW)
2.0
110
250
315
375
ns
4.5
30
50
63
75
6.0
25
43
54
64
tPHL
Propagation Delay
Time (CLEAR -Q)
2.0
100
225
280
340
ns
4.5
30
45
56
68
6.0
25
38
48
58
tPLH
Propagation Delay
Time (CLEAR
-CARRY)
2.0
120
250
315
375
ns
4.5
35
50
63
75
6.0
29
43
54
64
tPHL
Propagation Delay
Time (CLEAR -
BORROW)
2.0
120
250
315
375
ns
4.5
35
50
63
75
6.0
29
43
54
64
fMAX
Maximum Clock
Frequency
2.0
5
12
4
3.4
MHz
4.5
25
48
20
17
6.0
30
55
24
20


Similar Part No. - M74HC192RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC192B1R STMICROELECTRONICS-M74HC192B1R Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
M74HC192C1R STMICROELECTRONICS-M74HC192C1R Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
M74HC192F1R STMICROELECTRONICS-M74HC192F1R Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
M74HC192M1R STMICROELECTRONICS-M74HC192M1R Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
More results

Similar Description - M74HC192RM13TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
NXP Semiconductors
74AC11190 PHILIPS-74AC11190 Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
NXP Semiconductors
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com