Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3969SETTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3969SETTR-T
Description  Dual Full-Bridge PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3969SETTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

  A3969SETTR-T Datasheet HTML 1Page - Allegro MicroSystems A3969SETTR-T Datasheet HTML 2Page - Allegro MicroSystems A3969SETTR-T Datasheet HTML 3Page - Allegro MicroSystems A3969SETTR-T Datasheet HTML 4Page - Allegro MicroSystems A3969SETTR-T Datasheet HTML 5Page - Allegro MicroSystems A3969SETTR-T Datasheet HTML 6Page - Allegro MicroSystems A3969SETTR-T Datasheet HTML 7Page - Allegro MicroSystems A3969SETTR-T Datasheet HTML 8Page - Allegro MicroSystems A3969SETTR-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Dual Full-Bridge PWM Motor Driver
A3969
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Load Current Regulation.
Due to internal logic and
switching delays (td), the actual load current peak will be
slightly higher than the ITRIP value. These delays, plus the
blanking time, limit the minimum value the current control
circuitry can regulate. To produce zero current in a wind-
ing, the ENABLE terminal should be held high, turning off
all output drivers for that H-bridge.
Logic Inputs. A logic high on the PHASE input results
in current flowing from OUTA to OUTB of that H-bridge.
A logic low on the PHASE input results in current flowing
from OUTB to OUTA. An internally generated dead time
(tcodt) of approximately 1 μs prevents cross-over current
spikes that can occur when switching the PHASE input.
A logic high on the ENABLE input turns off all four
output drivers of that H-bridge. This results in a fast cur-
rent decay through the internal ground clamp and flyback
diodes. A logic low on the ENABLE input turns on the
selected source and sink driver of that H-bridge.
The ENABLE inputs can be pulse-width modulated
for applications that require a fast current-decay PWM. If
external current-sensing circuitry is used, the internal cur-
rent-control logic can be disabled by connecting the RTCT
terminal to ground.
The REFERENCE input voltage is typically set with a
resistor divider from VCC. This reference voltage is inter-
nally divided down by 4 to set up the current-comparator
trip-voltage threshold. The reference input voltage range is
0 to 1.7 V.
Output Drivers
. To minimize on-chip power dissipation,
the sink drivers incorporate a Satlington structure. The
Satlington output combines the low VCE(sat) features of a
saturated transistor and the high peak-current capability
of a Darlington (connected) transistor. A graph showing
typical output saturation voltages as a function of output
current is on the next page.
Miscellaneous Information
. Thermal protection
circuitry turns off all output drivers should the junction
temperature reach +165 °C (typical). This is intended
only to protect the device from failures due to excessive
junction temperatures and should not imply that output
short circuits are permitted. Normal operation is resumed
when the junction temperature has decreased about 15°C.
The A3969 current control employs a fixed-frequency,
variable duty cycle PWM technique. As a result, the cur-
rent-control regulation may become unstable if the duty
cycle exceeds 50%.
To minimize current-sensing inaccuracies caused
by ground trace IR drops, each current-sensing resistor
should have a separate return to the ground terminal of the
device. For low-value sense resistors, the I x R drops in
the printed-wiring board can be significant and should be
taken into account. The use of sockets should be avoided
as their contact resistance can cause variations in the ef-
fective value of RS.
The LOAD SUPPLY terminal, VBB, should be decou-
pled with an electrolytic capacitor (47 μF recommended)
placed as close to the device as physically practical. To
minimize the effect of system ground I x R drops on
the logic and reference input signals, the system ground
should have a low-resistance return to the load supply
voltage.
The frequency of the clock oscillator will determine
the amount of ripple current. A lower frequency will
result in higher current ripple, but reduced heating in the
motor and driver IC due to a corresponding decrease in
hysteretic core losses and switching losses respectively.
A higher frequency will reduce ripple current, but will
increase switching losses and EMI.
FUNCTIONAL DESCRIPTION
(continued)


Similar Part No. - A3969SETTR-T

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3960-0000T 3M-A3960-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-0010T 3M-A3960-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-2000T 3M-A3960-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3960-2010T 3M-A3960-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3961SB ALLEGRO-A3961SB Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - A3969SETTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com