Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74801DRCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74801DRCR
Description  1.5A LDO Linear Regulator with Programmable Soft-Start
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74801DRCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS74801DRCR Datasheet HTML 1Page - Texas Instruments TPS74801DRCR Datasheet HTML 2Page - Texas Instruments TPS74801DRCR Datasheet HTML 3Page - Texas Instruments TPS74801DRCR Datasheet HTML 4Page - Texas Instruments TPS74801DRCR Datasheet HTML 5Page - Texas Instruments TPS74801DRCR Datasheet HTML 6Page - Texas Instruments TPS74801DRCR Datasheet HTML 7Page - Texas Instruments TPS74801DRCR Datasheet HTML 8Page - Texas Instruments TPS74801DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS74801
SBVS074 – JANUARY 2007
At V
EN = 1.1V, VIN = VOUT + 0.3V, CBIAS = 0.1µF, CIN = COUT = 10µF, CNR = , IOUT = 50mA, VBIAS = 5.0V, and TJ = –40°C to
+125
°C, unless otherwise noted. Typical values are at T
J = +25°C.
TPS74801
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage range
VOUT + VDO
5.5
V
VBIAS Bias pin voltage range
2.7
5.5
V
VREF Internal reference (Adj.)
TJ = +25°C
0.796
0.8
0.804
V
Output voltage range
VIN = 5V, IOUT = 1.5A
VREF
3.6
V
VOUT
2.97V
≤ V
BIAS ≤ 5.5V,
Accuracy(1)
–2
±0.5
2
%
50mA
≤ I
OUT ≤ 1.5A
VOUT/VIN Line regulation
VOUT (NOM) + 0.3 ≤ VIN ≤ 5.5V
0.03
%/V
VOUT/IOUT Load regulation
50mA
≤ I
OUT ≤ 1.5A
0.09
%/A
IOUT = 1.5A, VBIAS – VOUT (NOM) ≥ 3.25V
60
165
mV
VDO VIN dropout voltage(2)
IOUT = 1.5A, VIN = VBIAS
1.31
1.6
V
ICL Current limit
VOUT = 80% × VOUT (NOM)
2.0
5.5
A
IBIAS Bias pin current
1
2
mA
Shutdown supply current
ISHDN
VEN ≤ 0.4V
1
50
µA
(IGND)
IFB Feedback pin current
–1
150
1
µA
1kHz, IOUT = 1.5A,
60
VIN = 1.8V, VOUT = 1.5V
Power-supply rejection
dB
(VIN to VOUT)
300kHz, IOUT = 1.5A,
30
VIN = 1.8V, VOUT = 1.5V
PSRR
1kHz, IOUT = 1.5A,
50
VIN = 1.8V, VOUT = 1.5V
Power-supply rejection
dB
(VBIAS to VOUT)
300kHz, IOUT = 1.5A,
30
VIN = 1.8V, VOUT = 1.5V
100Hz to 100kHz,
Noise Output noise voltage
25
× V
OUT
µV
RMS
IOUT = 1.5A, CSS = 0.001µF
tSTR Minimum startup time
RLOAD for IOUT = 1.0A, CSS = open
200
µs
ISS Soft-start charging current
VSS = 0.4V
440
nA
VEN, HI Enable input high level
1.1
5.5
V
VEN, LO Enable input low level
0
0.4
V
VEN, HYS Enable pin hysteresis
50
mV
VEN, DG Enable pin deglitch time
20
µs
IEN Enable pin current
VEN = 5V
0.1
1
µA
VIT PG trip threshold
VOUT decreasing
85
90
94
%VOUT
VHYS PG trip hysteresis
3
%VOUT
VPG, LO PG output low voltage
IPG = 1mA (sinking), VOUT < VIT
0.3
V
IPG, LKG PG leakage current
VPG = 5.25V, VOUT > VIT
0.1
1
µA
Operating junction
TJ
–40
+125
°C
temperature
Shutdown, temperature increasing
+165
Thermal shutdown
TSD
°C
temperature
Reset, temperature decreasing
+140
(1)
Adjustable devices tested at 0.8V; resistor tolerance is not taken into account.
(2)
Dropout is defined as the voltage from VIN to VOUT when VOUT is 3% below nominal.
3
Submit Documentation Feedback


Similar Part No. - TPS74801DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801DRCR TI1-TPS74801DRCR Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCR TI-TPS74801DRCR Datasheet
3Mb / 47P
[Old version datasheet]   TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI-TPS74801DRCRG4 Datasheet
3Mb / 47P
[Old version datasheet]   TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801DRCRM3 TI-TPS74801DRCRM3 Datasheet
3Mb / 47P
[Old version datasheet]   TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results

Similar Description - TPS74801DRCR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
National Semiconductor ...
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38858 TI-LP38858_15 Datasheet
2Mb / 21P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com