Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70N06T-TA3-L Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 70N06T-TA3-L
Description  70 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06T-TA3-L Datasheet(HTML) 3 Page - Unisonic Technologies

  70N06T-TA3-L Datasheet HTML 1Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 2Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 3Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 4Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 5Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 6Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 7Page - Unisonic Technologies 70N06T-TA3-L Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
70N06
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-089,A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX UNIT
Source-Drain Diode Ratings and Characteristics
Diode Forward Voltage
VSD
IS = 70A, VGS = 0 V
1.4
V
Continuous Source Current
IS
70
Pulsed Source Current
ISM
Integral Reverse p-n Junction Diode in
the MOSFET
G
S
D
280
A
Reverse Recovery Time
tRR
90
ns
Reverse Recovery Charge
QRR
IS = 70A, VGS = 0 V
dIF / dt = 100 A/µs
300
µC
Note 1. Repeativity rating: pulse width limited by junction temperature
2. L=19.5mH, IAS=70A, RG=20Ω, Starting TJ=25℃
3. ISD≤48A, di/dt≤300A/µs, VDD≤BVDSS, Starting TJ=25℃
4. Pulse Test: Pulse Width≤300µs,Duty Cycle≤2%
5. Essentially independent of operating temperature.


Similar Part No. - 70N06T-TA3-L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
70N06 KIA-70N06 Datasheet
388Kb / 14P
   70A 60V N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
70N06 ISC-70N06 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
70N06 VBSEMI-70N06 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Unisonic Technologies
70N06G-T2Q-T UTC-70N06G-T2Q-T Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 70N06T-TA3-L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com