Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32560J3154K Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # B32560J3154K
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32560J3154K Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button B32560J3154K Datasheet HTML 6Page - Siemens Semiconductor Group B32560J3154K Datasheet HTML 7Page - Siemens Semiconductor Group B32560J3154K Datasheet HTML 8Page - Siemens Semiconductor Group B32560J3154K Datasheet HTML 9Page - Siemens Semiconductor Group B32560J3154K Datasheet HTML 10Page - Siemens Semiconductor Group B32560J3154K Datasheet HTML 11Page - Siemens Semiconductor Group B32560J3154K Datasheet HTML 12Page - Siemens Semiconductor Group B32560J3154K Datasheet HTML 13Page - Siemens Semiconductor Group B32560J3154K Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
62
Siemens Matsushita Components
MKT
Pulse handling capability
Maximum permissible voltage change per unit of time for non-sinusoidal voltages
(pulse, sawtooth).
For
Vpp < VR , the permissible voltage rise rate value Vpp/τ may be multiplied by the factor VR/Vpp.
Also refer to the calculation example on page 250.
Impedance
Z
versus
frequency
f
(typical values)
VR
Max. rate of voltage rise
Vpp/τ in V/µs (for Vpp = VR)
Lead spacing
7,5 mm
10 mm
15 mm
22,5 mm
27,5 mm
63 Vdc
120
––––
100 Vdc
150
75
50
50
25
250 Vdc
200
150
100
100
50
400 Vdc
275
175
125
125
60
420 Vdc
––––60
630 Vdc
320
150
VR
Pulse characteristic
k0 in V
2/
µs (for V
pp ≤ VR)
Lead spacing
7,5 mm
10 mm
15 mm
22,5 mm
27,5 mm
63 Vdc
15 000
100 Vdc
30 000
15 000
10 000
10 000
5 000
250 Vdc
100 000
75 000
50 000
50 000
25 000
400 Vdc
220 000
140 000
100 000
100 000
50 000
420 Vdc
50 000
630 Vdc
400 000
190 000
B 32 560 … B 32 564


Similar Part No. - B32560J3154K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32560J3154 EPCOS-B32560J3154 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32560J3154C289 EPCOS-B32560J3154C289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32560J3154K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com