Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT130161LWI-GT3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT130161LWI-GT3
Description  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT130161LWI-GT3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT130161LWI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT130161LWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT130161LWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT130161LWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT130161LWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT130161LWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT130161LWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT130161LWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT130161LWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT130xx
© 2007 Catalyst Semiconductor, Inc.
5
Doc. No. 1121 Rev. A
Characteristics subject to change without notice
PIN DESCRIPTION
RESET/RESET
¯¯¯¯¯¯: The reset output is available in two
versions: CMOS Active Low (CAT130xx9) and CMOS
Active High (CAT130xx1). Both versions are push-pull
outputs for high efficiency.
DI: The serial data input pin accepts op-codes,
addresses and data. The input data is latched on the
rising edge of the SK clock input.
DO: The serial data output pin is used to transfer data
out of the device. The data is shifted out on the rising
edge of the SK clock.
SK: The serial clock input pin accepts the clock
provided by the host and used for synchronizing
communication between host and CAT130xx device.
CS: The chip select input pin is used to enable/disable
the CAT130xx. When CS is high, the device is
selected and accepts op-codes, addresses and data.
Upon receiving a Write or Erase instruction, the falling
edge of CS will start the internal write cycle to the
selected memory location.
ORG: The memory organization input selects the memory
configuration as either register of 16 bits (ORG tied to
VCC or floating) or 8 bits (ORG connected to GND).
DEVICE OPERATION
The CAT130xx products combine the accurate
voltage monitoring capabilities of a standalone voltage
supervisor with the high quality and reliability of
standard EEPROMs from Catalyst Semiconductor.
RESET CONTROLLER DESCRIPTION
The reset signal is asserted LOW for the CAT130xx9
and HIGH for the CAT130xx1 when the power supply
voltage falls below the threshold trip voltage
and remains asserted for at least 140ms (tPURST) after
the power supply voltage has risen above the
threshold. Reset output timing is shown in Figure 1.
The CAT130xx devices protect
μPs against brownout
failure. Short duration VCC transients of 4μsec or less and
100mV amplitude typically do not generate a Reset pulse.
Figure 2 shows the maximum pulse duration of
negative-going VCC transients that do not cause a
reset condition. As the amplitude of the transient goes
further below the threshold (increasing VTH - VCC), the
maximum pulse duration decreases. In this test, the
VCC starts from an initial voltage of 0.5V above the
threshold and drops below it by the amplitude of the
overdrive voltage (VTH - VCC).
Figure 2. Maximum Transient Duration without
Causing a Reset Pulse vs. Overdrive Voltage
Figure 1. RESET Output Timing
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESE T
RESE T
CAT130xx9
CAT130xx1
RPD
t
RESET OVERDRIVE VTH - VCC [mV]
TAMB = 25ºC
CAT130xxM
CAT130xxZ


Similar Part No. - CAT130161LWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT130161LWI-GT3 ONSEMI-CAT130161LWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
More results

Similar Description - CAT130161LWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com