Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT140021RWI-GT3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT140021RWI-GT3
Description  Voltage Supervisor with I2C Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT140021RWI-GT3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT140021RWI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT140021RWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT140021RWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT140021RWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT140021RWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT140021RWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT140021RWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT140021RWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT140021RWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT140xx
© 2006 Catalyst Semiconductor, Inc.
5
Doc. No. 1117 Rev. A
Characteristics subject to change without notice
PIN DESCRIPTION
RESET/RESET
¯¯¯¯¯¯ :
RESET OUTPUT
This output is available in two versions: CMOS
Active Low (CAT140xx9) and CMOS Active High
(CAT140xx1). Both versions are push-pull outputs
for high efficiency.
SDA:
SERIAL DATA ADDRESS
The Serial Data I/O pin receives input data and
transmits data stored in EEPROM. In transmit mode,
this pin is open drain. Data is acquired on the
positive edge, and is delivered on the negative edge
of SCL.
SCL:
SERIAL CLOCK
The Serial Clock input pin accepts the Serial Clock
generated by the Master.
A0, A1, A2:
Device Address Inputs
The Address inputs set the device address when
cascading multiple devices. When not driven, these
pins are pulled LOW internally.
DEVICE OPERATION
The CAT140xx products combine the accurate
voltage monitoring capabilities of a standalone
voltage supervisor with the high quality and reliability
of standard EEPROMs from Catalyst Semiconductor.
RESET CONTROLLER DESCRIPTION
The reset signal is asserted LOW for the CAT140xx9
and HIGH for the CAT140xx1 when the power
supply voltage falls below the threshold trip voltage
and remains asserted for at least 140ms (tPURST) after
the power supply voltage has risen above the threshold.
Reset output timing is shown in Figure 1.
The CAT140xx devices protect
μPs against brownout
failure. Short duration VCC transients of 4μsec or less
and 100mV amplitude typically do not generate a Reset
pulse.
Figure 2 shows the maximum pulse duration of negative-
going VCC transients that do not cause a reset condition.
As the amplitude of the transient goes further below the
threshold (increasing VTH - VCC), the maximum pulse
duration decreases. In this test, the VCC starts from
an initial voltage of 0.5V above the threshold and
drops below it by the amplitude of the overdrive voltage
(VTH - VCC).
Figure 2. Maximum Transient Duration Without
Causing a Reset Pulse vs. Overdrive Voltage
Figure 1. RESET Output Timing
RESET OVERDRIVE VTH - VCC [mV]
TAMB = 25ºC
CAT140xxM
CAT140xxZ
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESE T
RESE T
CAT140xx9
CAT140xx1
RPD
t


Similar Part No. - CAT140021RWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT140021RWI-GT3 ONSEMI-CAT140021RWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
More results

Similar Description - CAT140021RWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com