Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185BH883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM185BH883
Description  MICROCIRCUIT DATA SHEET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185BH883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM185BH883 Datasheet HTML 1Page - National Semiconductor (TI) LM185BH883 Datasheet HTML 2Page - National Semiconductor (TI) LM185BH883 Datasheet HTML 3Page - National Semiconductor (TI) LM185BH883 Datasheet HTML 4Page - National Semiconductor (TI) LM185BH883 Datasheet HTML 5Page - National Semiconductor (TI) LM185BH883 Datasheet HTML 6Page - National Semiconductor (TI) LM185BH883 Datasheet HTML 7Page - National Semiconductor (TI) LM185BH883 Datasheet HTML 8Page - National Semiconductor (TI) LM185BH883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MICROCIRCUIT DATA SHEET
MNLM185B-X REV 0B0
(Absolute Maximum Ratings)
(Note 1)
Reverse Current
30mA
Forward Current
10mA
Operating Temperature Range
-55 C to +125 C
Maximum Junction Temperature
150 C
Storage Temperature
-55 C to +150 C
Lead Temperature
300 C
(Soldering, 10 seconds)
Thermal Resistance
ThetaJA
100 C/W
E-Pkg
(Still Air)
73 C/W
E-Pkg
(500LF/Min Air flow)
300 C/W
H-Pkg
(Still Air)
139 C/W
H-Pkg
(500LF/Min Air flow)
ThetaJC
25 C/W
E-Pkg
57 C/W
H-Pkg
Package Weight
(Typical)
TBD
E-Pkg
TBD
H-Pkg
ESD Tolerance
(Note 2)
500V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is functional, but do not
guarantee specific performance limits.
For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
Note 2:
Human body model, 1.5k Ohms in series with 100pF
3


Similar Part No. - LM185BH883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185BH NSC-LM185BH Datasheet
747Kb / 14P
   Adjustable Micropower Voltage References
LM185BH NSC-LM185BH Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
logo
Texas Instruments
LM185BH TI1-LM185BH Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185BH TI-LM185BH Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185BH TI-LM185BH Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results

Similar Description - LM185BH883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
   STANDARD MICROCIRCUIT DRAWING
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
logo
Murata Manufacturing Co...
GRM188F51E474ZA01D MURATA-GRM188F51E474ZA01D Datasheet
43Kb / 1P
   Capacitor data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com