Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13028A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC13028A
Description  C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13028A Datasheet(HTML) 1 Page - Motorola, Inc

  MC13028A Datasheet HTML 1Page - Motorola, Inc MC13028A Datasheet HTML 2Page - Motorola, Inc MC13028A Datasheet HTML 3Page - Motorola, Inc MC13028A Datasheet HTML 4Page - Motorola, Inc MC13028A Datasheet HTML 5Page - Motorola, Inc MC13028A Datasheet HTML 6Page - Motorola, Inc MC13028A Datasheet HTML 7Page - Motorola, Inc MC13028A Datasheet HTML 8Page - Motorola, Inc MC13028A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
MC13028AD
TA = – 25° to +70°C
SO–16
MC13028A
SEMICONDUCTOR
TECHNICAL DATA
C–QUAM AM STEREO
ADVANCED WIDE VOLTAGE
IF and DECODER
for E.T.R. RADIOS
Order this document by MC13028A/D
D SUFFIX
PLASTIC PACKAGE
CASE 751B
(SO–16)
1
16
P SUFFIX
PLASTIC PACKAGE
CASE 648
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
Stereo
Threshold Adjust
AGC Bypass
Filter
IF Feedback
Bypass
IF Signal Input
Gnd
Stereo
Indicator Drive
1.0 V
Reference
Blend
Right Channel
Output
Left Channel
Output
Loop Filter
VCO Output
VCC
Pilot Signal
Input
Pilot Q Detector
Output
Pilot I Detector
Output
1
16
PIN CONNECTIONS
MC13028AP
DIP–16
1
MOTOROLA ANALOG IC DEVICE DATA
Advanced Wide Voltage
IF and C-QUAM® AM
Stereo Decoder
The MC13028A is a third generation C–QUAM stereo decoder targeted
for use in low voltage, low cost AM/FM E.T.R. radio applications. Advanced
features include a signal quality detector that analyzes signal strength,
signal to noise ratio, and stereo pilot tone before switching to the stereo
mode. A “blend function” much like FM stereo has been added to improve
the transition from mono to stereo. The audio output level is adjustable to
allow easy interface with a variety of AM/FM tuner chips. The external
components have been minimized to keep the total system cost low.
Adjustable Audio Output Level
Stereo Blend Function
Stereo Threshold Adjustment
Operation from 2.2 V to 12 V Supply
Precision Pilot Tone Detector
Forced Mono Function
Single Pinout VCO
IF Amplifier with IF AGC Circuit
VCO Shutdown Mode at Weak Signal Condition
The purchase of the Motorola C–QUAM® AM Stereo Decoder does not carry with such pur-
chase any license by implication, estoppel or otherwise, under any patent rights of Motorola
or others covering any combination of this decoder with other elements including use in a
radio receiver. Upon application by an interested party, licenses are available from Motorola
on its patents applicable to AM Stereo radio receivers.
Representative Block Diagram
This device contains 679 active transistors.
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
Reg
AGC
Signal Quality
Detector
Pilot Tone
Detector
B 8
VCO
AM Stereo
Decoder
IF
Amp
© Motorola, Inc. 1996
Rev 2


Similar Part No. - MC13028A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022AP MOTOROLA-MC13022AP Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13027 MOTOROLA-MC13027 Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
More results

Similar Description - MC13028A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8120P TOSHIBA-TA8120P Datasheet
1Mb / 16P
   C-QUAM AM STEREO DECODER
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
TOKO, Inc
TK14552V TOKO-TK14552V Datasheet
263Kb / 2P
   Wide band AM / ASK IF IC for ETC
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com