Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1825U Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1825U
Description  Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1825U Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1825U Datasheet HTML 4Page - Maxim Integrated Products DS1825U Datasheet HTML 5Page - Maxim Integrated Products DS1825U Datasheet HTML 6Page - Maxim Integrated Products DS1825U Datasheet HTML 7Page - Maxim Integrated Products DS1825U Datasheet HTML 8Page - Maxim Integrated Products DS1825U Datasheet HTML 9Page - Maxim Integrated Products DS1825U Datasheet HTML 10Page - Maxim Integrated Products DS1825U Datasheet HTML 11Page - Maxim Integrated Products DS1825U Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
DS1825 Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
8 of 21
Byte 8 of the scratchpad is read-only and contains the cyclic redundancy check (CRC) code for bytes 0 through 7
of the scratchpad. The DS1825 generates this CRC using the method described in the CRC GENERATION
section.
Data is written to bytes 2, 3, and 4 of the scratchpad using the Write Scratchpad [4Eh] command; the data must be
transmitted to the DS1825 starting with the least significant bit of byte 2. To verify data integrity, the scratchpad can
be read (using the Read Scratchpad [BEh] command) after the data is written. When reading the scratchpad, data
is transferred over the 1-Wire bus starting with the least significant bit of byte 0. To transfer the TH, TL, and
configuration data from the scratchpad to EEPROM, the master must issue the Copy Scratchpad [48h] command.
Data in the EEPROM registers is retained when the device is powered down; at power-up the EEPROM data
(including the hard-wired address inputs AD0-AD3)is reloaded into the corresponding scratchpad locations. Data
can also be reloaded from EEPROM to the scratchpad at any time using the Recall E
2 [B8h] command. The master
can issue read time slots following the Recall E
2 command and the DS1825 will indicate the status of the recall by
transmitting 0 while the recall is in progress and 1 when the recall is done.
Figure 7. DS1825 MEMORY MAP
SCRATCHPAD (Power-up State)
byte 0 Temperature LSB (50h)
byte 1 Temperature MSB (05h)
EEPROM
byte 2 TH Register or User Byte 1
TH Register or User Byte 1
byte 3 TL Register or User Byte 2
TL Register or User Byte 2
byte 4 Configuration Register*
Configuration Register*
byte 5 Reserved
byte 6 Reserved
byte 7 Reserved
byte 8 CRC
* Lower four bits of Configuration Register
are hardwired through AD0-AD3
CONFIGURATION REGISTER
Byte 4 of the scratchpad memory is the configuration register, as shown in Figure 8. The configuration register
allows the user to set the conversion resolution using the R0 and R1 bits and read the programmed value of the
address pins. The conversion resolution power-up default is R0 = 1 and R1 = 1 (12-bit resolution). Table 4 shows
the resolution configuration settings and maximum conversion time. Note that there is a direct tradeoff between
resolution and conversion time. AD0-AD3 bits report the pin programmed location information and are sampled at
power-up. In Parasite Power mode, the address pins must be connected to DQ or GND and in VDD powered mode,
the address pins must be connected to VDD or GND. Pins tied to DQ/VDD are reported with a logical 1 and pins tied
to GND are reported as a logical 0. Pins connected to DQ/ VDD or GND through a resistor are valid logical 1s or
logical 0s if the resistor is less than 10k. Floating or high impedance (>10k
W) connections are indeterminate. Bit 7
and Bit 4 of the configuration register are reserved for internal use and cannot be overwritten.
Figure 8. CONFIGURATION REGISTER FORMAT
Note: Bit 0 through Bit 3 are programmed through the four Location Programming Address pins AD0-AD3.
Reading the configuration register provides location information on up to 16 individual DS1825s.
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
R1
R0
1
AD3
AD2
AD1
AD0
(85°C)


Similar Part No. - DS1825U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
   Programmable Digital Thermostat
DS1821 DALLAS-DS1821 Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
   Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Dallas Semiconductor
DS1821++ DALLAS-DS1821+ Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
More results

Similar Description - DS1825U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com