Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMIULC6-4SC6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HDMIULC6-4SC6
Description  Ultra large bandwidth ESD protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-4SC6 Datasheet(HTML) 1 Page - STMicroelectronics

  HDMIULC6-4SC6 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2006
Rev 2
1/11
HDMIULC6-4SC6
Ultra large bandwidth ESD protection
Main applications
HDMI ports at 1.65 Gb/s and up to 3.2 Gb/s
IEEE 1394a, b, or c up to 3.2 Gb/s
USB 2.0 ports up to 480 Mb/s (Hi-Speed)
Ethernet port: 10/100/1000 Mb/s
Video line protection
Description
The HDMIULC6-4SC6 is a monolithic, application
specific discrete device dedicated to ESD
protection of the HDMI connection. It also offers
the same high level of protection for IEEE 1394a
and IEEE 1394b/c, USB 2.0, Ethernet links, and
video lines.
Its ultra high cutoff frequency (5.3 GHz) secures a
high level of signal integrity. The device topology
provides this integrity without compromising the
complete protection of ICs against the most
stringent ESD strikes.
Features
4 line 15 kV ESD protection
Protects VBUS when applicable
Ultra high bandwidth - no inluence on signal
rise and fall times - maximised number of signal
harmonics
Very low leakage current: 0.5 µA max.
Fast response time compared with varistors
SOT23-6L package
RoHS compliant
Complies with these standards:
IEC 61000-4-2 level 4
– 15 kV air discharge
– 8 kV (and up to 15 kV) contact discharge
Functional diagram
Benefits
ESD standards compliance guaranteed at
device level, hence greater immunity at system
level
ESD protection of VBUS when applicable.
High efficiency due to low residual voltage
when confronted by an ESD surge
Minimized rise and fall times for maximum data
integrity
Consistent D+ / D- signal balance:
– Ultra low impact on intra-, inter-pair skew
– Matching high bit rate HDMI requirements
and ready for future evolution
Low PCB space occupation - 9 mm² maximum
foot print
Low leakage current for longer operation of
battery powered devices
Higher reliability offered by monolithic
integration
Order code
Part Number
Marking
HDMIULC6-4SC6
DL46
SOT23-6L
(JEDEC MO178AB)
1
1
6
2
5
3
4
I/O1
I/O4
GND
VBUS
I/O2
I/O3
When used with an HDMI
application, Pin 5 should not
be connected to protect
against backdrive current flow.
www.st.com


Similar Part No. - HDMIULC6-4SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
   Automotive ultralarge bandwidth ESD protection
September 2012 Rev 2
More results

Similar Description - HDMIULC6-4SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBULC6-2M6 STMICROELECTRONICS-USBULC6-2M6 Datasheet
344Kb / 10P
   Ultra large bandwidth ESD protection
HDMIULC6-2X6 STMICROELECTRONICS-HDMIULC6-2X6 Datasheet
751Kb / 17P
   Ultra large bandwidth ESD protection
USBULC6-2P6 STMICROELECTRONICS-USBULC6-2P6 Datasheet
217Kb / 8P
   Ultra large bandwidth ESD protection
logo
ON Semiconductor
ESD7484 ONSEMI-ESD7484 Datasheet
269Kb / 7P
   4-Line Ultra-Large Bandwidth ESD Protection
October, 2011 ??Rev. 0
logo
STMicroelectronics
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
   Automotive ultralarge bandwidth ESD protection
September 2012 Rev 2
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
   8-line ultralarge bandwidth ESD protection
October 2010 Rev 2
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com